Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT2245PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVT2245PW
Description  3.3 V octal transceiver with 30 W termination resistors; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVT2245PW Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVT2245PW Datasheet HTML 1Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 2Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 3Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 4Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 5Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 6Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 7Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 8Page - NXP Semiconductors 74LVT2245PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74LVT_LVTH2245_4
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 04 — 24 April 2006
3 of 15
Philips Semiconductors
74LVT2245; 74LVTH2245
3.3 V octal transceiver with 30
Ω termination resistors; 3-state
5.
Functional diagram
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Schematic of one output
2
1
DIR
18
19
B0
B1
B2
B3
B4
B5
B6
B7
3
17
4
16
5
15
6
14
7
13
8
12
9
A0
A1
A2
A3
A4
A5
A6
A7
11
OE
mna817
mna818
8
12
13
14
15
16
17
2
3
4
5
6
7
18
9
11
1
3 EN2 (AB)
19
G3
3 EN1 (BA)
1
2
VCC
VCC
mna819
25
25


Similar Part No. - 74LVT2245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2245PW PHILIPS-74LVT2245PW Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT2245PW NEXPERIA-74LVT2245PW Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
More results

Similar Description - 74LVT2245PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH2245 PHILIPS-74LVT_LVTH2245_15 Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVTH322245 PHILIPS-74LVTH322245_15 Datasheet
98Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
74LVTH322245 NXP-74LVTH322245 Datasheet
90Kb / 12P
   3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
Rev. 01-24 January 2007
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVT2244 NEXPERIA-74LVT2244 Datasheet
231Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω termination resistors; 3-state
Rev. 4 - 17 May 2021
74LVT2241 NEXPERIA-74LVT2241 Datasheet
235Kb / 13P
   3.3 V octal buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 3 - 17 February 2021
logo
NXP Semiconductors
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC2245A PHILIPS-74LVC2245A_15 Datasheet
297Kb / 16P
   Octal transceiver with direction pin, 30 series termination resistors; 5 V tolerant input/output; 3-state
Rev. 5-4 November 2011
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com