Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT74D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT74D
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT74D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT74D Datasheet HTML 4Page - NXP Semiconductors 74AHCT74D Datasheet HTML 5Page - NXP Semiconductors 74AHCT74D Datasheet HTML 6Page - NXP Semiconductors 74AHCT74D Datasheet HTML 7Page - NXP Semiconductors 74AHCT74D Datasheet HTML 8Page - NXP Semiconductors 74AHCT74D Datasheet HTML 9Page - NXP Semiconductors 74AHCT74D Datasheet HTML 10Page - NXP Semiconductors 74AHCT74D Datasheet HTML 11Page - NXP Semiconductors 74AHCT74D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74AHC_AHCT74_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 9 June 2008
8 of 18
NXP Semiconductors
74AHC74; 74AHCT74
Dual D-type flip-flop with set and reset; positive-edge trigger
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min Typ[1] Max
Min
Max
Min
Max
74AHC74
tpd
propagation
delay
nCP to nQ, nQ; see Figure 7
[2]
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.2
11.9
1.0
14.0
1.0
15.0
ns
CL = 50 pF
-
7.4
15.4
1.0
17.5
1.0
19.5
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.7
7.3
1.0
8.5
1.0
9.5
ns
CL = 50 pF
-
5.2
9.3
1.0
10.5
1.0
12.0
ns
nSD, nRD to nQ, nQ;
see Figure 8
VCC = 3.0 V to 3.6 V
CL = 15 pF
-
5.4
12.3
1.0
14.5
1.0
15.5
ns
CL = 50 pF
-
7.7
15.8
1.0
18.0
1.0
20.0
ns
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.7
7.7
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
5.3
9.7
1.0
11.0
1.0
12.5
ns
fmax
maximum
frequency
see Figure 7
VCC = 3.0 V to 3.6 V
CL = 15 pF
80
125
-
45
-
45
-
MHz
CL = 50 pF
50
75
-
70
-
70
-
MHz
VCC = 4.5 V to 5.5 V
CL = 15 pF
130
170
-
110
-
110
-
MHz
CL = 50 pF
90
115
-
75
-
75
-
MHz
tW
pulse width
CP HIGH or LOW;
nSD, nRD LOW;
see Figure 7 and 8
VCC = 3.0 V to 3.6 V
6.0
-
-
7.0
-
7.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
nD to nCP; see Figure 7
VCC = 3.0 V to 3.6 V
6.0
-
-
7.0
-
7.0
-
ns
VCC = 4.5 V to 5.5 V
5.0
-
-
5.0
-
5.0
-
ns
th
hold time
nD to nCP; see Figure 7
VCC = 3.0 V to 3.6 V
0.5
-
-
0.5
-
0.5
-
ns
VCC = 4.5 V to 5.5 V
0.5
-
-
0.5
-
0.5
-
ns
trec
recovery
time
nRD to nCP; see Figure 8
VCC = 3.0 V to 3.6 V
5.0
-
-
5.0
-
5.0
-
ns
VCC = 4.5 V to 5.5 V
3.0
-
-
3.0
-
3.0
-
ns


Similar Part No. - 74AHCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT74D PHILIPS-74AHCT74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
logo
Nexperia B.V. All right...
74AHCT74D NEXPERIA-74AHCT74D Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
74AHCT74D-Q100 NEXPERIA-74AHCT74D-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results

Similar Description - 74AHCT74D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com