Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC74BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC74BQ
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC74BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC74BQ Datasheet HTML 1Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 2Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 3Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 4Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 5Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC74BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74AHC74; 74AHCT74 is a high-speed Si-gate CMOS device and is pin compatible
with Low-Power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC74; 74AHCT74 is a dual positive-edge triggered, D-type flip-flop with individual
data inputs (D), clock inputs (CP), set inputs (SD) and reset inputs (RD). It also has
complementary outputs (Q and Q).
The set and reset are asynchronous active LOW inputs that operate independent of the
clock input. Information on the data input is transferred to the Q output on the LOW to
HIGH transition of the clock pulse. The data inputs must be stable one set-up time prior to
the LOW to HIGH clock transition for predictable operation.
Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock
rise and fall times.
2.
Features
I Balanced propagation delays
I All inputs have Schmitt-trigger actions
I Inputs accept voltages higher than VCC
I Input levels:
N For 74AHC74: CMOS level
N For 74AHCT74: TTL level
I ESD protection:
N HBM EIA/JESD22-A114E exceeds 2000 V
N MM EIA/JESD22-A115-A exceeds 200 V
N CDM EIA/JESD22-C101C exceeds 1000 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74AHC74; 74AHCT74
Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05 — 9 June 2008
Product data sheet


Similar Part No. - 74AHC74BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC74BQ NEXPERIA-74AHC74BQ Datasheet
256Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 8 - 22 April 2020
74AHC74BQ-Q100 NEXPERIA-74AHC74BQ-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results

Similar Description - 74AHC74BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
74ABT74 NEXPERIA-74ABT74 Datasheet
227Kb / 13P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 3 - 12 October 2020
74LVC74A NEXPERIA-74LVC74A Datasheet
266Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 9 - 20 August 2021
logo
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com