Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC164PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHC164PW
Description  8-bit serial-in/parallel-out shift register
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC164PW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC164PW Datasheet HTML 1Page - NXP Semiconductors 74AHC164PW Datasheet HTML 2Page - NXP Semiconductors 74AHC164PW Datasheet HTML 3Page - NXP Semiconductors 74AHC164PW Datasheet HTML 4Page - NXP Semiconductors 74AHC164PW Datasheet HTML 5Page - NXP Semiconductors 74AHC164PW Datasheet HTML 6Page - NXP Semiconductors 74AHC164PW Datasheet HTML 7Page - NXP Semiconductors 74AHC164PW Datasheet HTML 8Page - NXP Semiconductors 74AHC164PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74AHC_AHCT164_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 24 April 2008
4 of 18
NXP Semiconductors
74AHC164; 74AHCT164
8-bit serial-in/parallel-out shift register
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 5.
Pin configuration SO14 and TSSOP14
Fig 6.
Pin configuration DHVQFN14
164
DSA
VCC
DSB
Q7
Q0
Q6
Q1
Q5
Q2
Q4
Q3
MR
GND
CP
001aac422
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac828
164
GND(1)
Transparent top view
Q3
MR
Q2
Q4
Q1
Q5
Q0
Q6
DSB
Q7
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
DSA
1
serial data input A
DSB
2
serial data input B
Q0
3
output 0
Q1
4
output 1
Q2
5
output 2
Q3
6
output 3
GND
7
ground (0 V)
CP
8
clock input (LOW-to-HIGH edge-triggered)
MR
9
master reset input (active LOW)
Q4
10
output 4
Q5
11
output 5
Q6
12
output 6
Q7
13
output 7
VCC
14
supply voltage


Similar Part No. - 74AHC164PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC164PW NEXPERIA-74AHC164PW Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHC164PW-Q100 NEXPERIA-74AHC164PW-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHC164PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com