Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3253ADB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT3253ADB
Description  Dual 1-of-4 FET multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3253ADB Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT3253ADB Datasheet HTML 1Page - NXP Semiconductors CBT3253ADB Datasheet HTML 2Page - NXP Semiconductors CBT3253ADB Datasheet HTML 3Page - NXP Semiconductors CBT3253ADB Datasheet HTML 4Page - NXP Semiconductors CBT3253ADB Datasheet HTML 5Page - NXP Semiconductors CBT3253ADB Datasheet HTML 6Page - NXP Semiconductors CBT3253ADB Datasheet HTML 7Page - NXP Semiconductors CBT3253ADB Datasheet HTML 8Page - NXP Semiconductors CBT3253ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CBT3253A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 8 February 2007
3 of 17
NXP Semiconductors
CBT3253A
Dual 1-of-4 FET multiplexer/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
[1]
B outputs are inputs if A inputs are outputs.
Fig 2.
Pin configuration for SO16
Fig 3.
Pin configuration for SSOP16
Fig 4.
Pin configuration for SSOP16
(QSOP16)
Fig 5.
Pin configuration for TSSOP16
CBT3253AD
VCC
S1
2OE
1B4
S0
1B3
2B4
1B2
2B3
1B1
2B2
1A
2B1
GND
2A
002aab824
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
1OE
S1
2OE
1B4
S0
1B3
2B4
1B2
2B3
1B1
2B2
1A
2B1
2A
1OE
CBT3253ADB
VCC
GND
002aab825
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
S1
2OE
1B4
S0
1B3
2B4
1B2
2B3
1B1
2B2
1A
2B1
2A
1OE
CBT3253ADS
VCC
GND
002aab826
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
S1
2OE
1B4
S0
1B3
2B4
1B2
2B3
1B1
2B2
1A
2B1
2A
1OE
GND
CBT3253APW
VCC
002aab827
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
1OE
1
output enable (active LOW)
S1
2
select-control input
1B4, 1B3, 1B2, 1B1
3, 4, 5, 6
B outputs[1]
1A
7
A input
GND
8
ground (0 V)
2A
9
A input
2B1, 2B2, 2B3, 2B4
10, 11, 12, 13
B outputs
S0
14
select-control input
2OE
15
output enable (active LOW)
VCC
16
positive supply voltage


Similar Part No. - CBT3253ADB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3253ADB NXP-CBT3253ADB Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
More results

Similar Description - CBT3253ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com