Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS101 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS101
Description  High-voltage switching diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS101 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS101_09 Datasheet HTML 1Page - NXP Semiconductors BAS101_09 Datasheet HTML 2Page - NXP Semiconductors BAS101_09 Datasheet HTML 3Page - NXP Semiconductors BAS101_09 Datasheet HTML 4Page - NXP Semiconductors BAS101_09 Datasheet HTML 5Page - NXP Semiconductors BAS101_09 Datasheet HTML 6Page - NXP Semiconductors BAS101_09 Datasheet HTML 7Page - NXP Semiconductors BAS101_09 Datasheet HTML 8Page - NXP Semiconductors BAS101_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
High-voltage switching diodes, encapsulated in a SOT23 small Surface-Mounted
Device (SMD) plastic package.
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
When switched from IF = 30 mA to IR =30mA; RL = 100 Ω; measured at IR =3mA.
BAS101; BAS101S
High-voltage switching diodes
Rev. 02 — 14 December 2009
Product data sheet
Table 1.
Product overview
Type number
Package
Configuration
NXP
JEITA
BAS101
SOT23
-
single
BAS101S
SOT23
-
dual series
High switching speed: trr ≤ 50 ns
Low capacitance: Cd ≤ 2pF
Low leakage current
Reverse voltage: VR ≤ 300 V
Repetitive peak reverse voltage:
VRRM ≤ 300 V
Small SMD plastic package
High-speed switching
Voltage clamping
High-voltage switching
Reverse polarity protection
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
IR
reverse current
VR = 250 V
-
-
150
nA
VR
reverse voltage
-
-
300
V
trr
reverse recovery time
[1] --50
ns


Similar Part No. - BAS101_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101S PHILIPS-BAS101S Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
Nexperia B.V. All right...
BAS101S NEXPERIA-BAS101S Datasheet
665Kb / 11P
   High-voltage switching diodes
Rev. 02 - 14 December 2009
logo
NXP Semiconductors
BAS101_BAS101S PHILIPS-BAS101_BAS101S_15 Datasheet
126Kb / 11P
   High-voltage switching diodes
Rev. 02-14 December 2009
More results

Similar Description - BAS101_09

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
   High-voltage switching diodes
Rev. 01-9 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com