Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF4G10LS-160 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF4G10LS-160
Description  UHF power LDMOS transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF4G10LS-160 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF4G10LS-160 Datasheet HTML 5Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 6Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 7Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 8Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 9Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 10Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 11Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 12Page - NXP Semiconductors BLF4G10LS-160 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BLF4G10LS-160_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 June 2007
9 of 15
NXP Semiconductors
BLF4G10LS-160
UHF power LDMOS transistor
[1]
American Technical Ceramics type 100B or capacitor of same quality.
[2]
The striplines are on a double copper-clad Rogers 6006 Printed-Circuit Board (PCB) with
εr = 6.15 and
thickness = 0.635 mm.
L9
stripline
[2] (W
× L) 0.914 mm × 19.126 mm
L10
stripline
[2] (W
× L) 0.914 mm × 6.858 mm
R1
SMD resistor
5.1
Table 9.
List of components (see Figure 12 and Figure 13). …continued
Component
Description
Value
Remarks
See Table 10 for a list of components
Fig 14. Circuit schematic for 869 MHz to 894 MHz CDMA demo test circuit
C3
001aag559
Vbias(12 V - 28 V)
VDD(28 V)
RF in
RF out
C11
C2
C4
L9
C12
L10
L8
L7
L4
Q3
L3
C1
L2
L1
R8
R2
R9
R10
R7
R1
Q1
R6
Q2
R5
R3
R4
C10
C9
C8
L6
L5
C5
C6
C7


Similar Part No. - BLF4G10LS-160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF4G10LS-120 PHILIPS-BLF4G10LS-120 Datasheet
101Kb / 13P
   UHF power LDMOS transistor
Rev. 01-10 January 2006
More results

Similar Description - BLF4G10LS-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com