Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS301PD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS301PD
Description  20 V, 4 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS301PD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS301PD Datasheet HTML 2Page - NXP Semiconductors PBSS301PD Datasheet HTML 3Page - NXP Semiconductors PBSS301PD Datasheet HTML 4Page - NXP Semiconductors PBSS301PD Datasheet HTML 5Page - NXP Semiconductors PBSS301PD Datasheet HTML 6Page - NXP Semiconductors PBSS301PD Datasheet HTML 7Page - NXP Semiconductors PBSS301PD Datasheet HTML 8Page - NXP Semiconductors PBSS301PD Datasheet HTML 9Page - NXP Semiconductors PBSS301PD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PBSS301PD_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 17 December 2007
6 of 14
NXP Semiconductors
PBSS301PD
20 V, 4 A PNP low VCEsat (BISS) transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −20 V; IE =0A
-
-
−0.1
µA
VCB = −20 V; IE =0A;
Tj = 150 °C
--
−50
µA
ICES
collector-emitter
cut-off current
VCE = −20 V; VBE =0V
-
-
−0.1
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−0.1
µA
hFE
DC current gain
VCE = −2 V; IC = −0.5 A
250
400
-
VCE = −2 V; IC = −1A
[1] 250
400
-
VCE = −2 V; IC = −2A
[1] 200
330
-
VCE = −2 V; IC = −4A
[1] 120
200
-
VCE = −2 V; IC = −6A
[1] 80
130
-
VCEsat
collector-emitter
saturation voltage
IC = −0.5 A; IB = −50 mA
-
−35
−50
mV
IC = −1 A; IB = −50 mA
-
−65
−90
mV
IC = −2 A; IB = −200 mA
-
−110
−150
mV
IC = −4 A; IB = −400 mA
[1] -
−200
−280
mV
IC = −6 A; IB = −600 mA
[1] -
−300
−420
mV
RCEsat
collector-emitter
saturation resistance
IC = −4 A; IB = −400 mA
[1] -
5070m
VBEsat
base-emitter
saturation voltage
IC = −0.5 A; IB = −50 mA
-
−0.8
−0.85 V
IC = −1 A; IB = −50 mA
-
−0.84 −0.9
V
IC = −1 A; IB = −100 mA
[1] -
−0.84 −1V
IC = −4 A; IB = −400 mA
[1] -
−1.0
−1.1
V
VBEon
base-emitter turn-on
voltage
VCE = −2 V; IC = −2A
-
−0.8
−1V
td
delay time
VCC = −12.5 V; IC = −3A;
IBon = −0.15 A;
IBoff = 0.15 A
-10
-
ns
tr
rise time
-
35
-
ns
ton
turn-on time
-
45
-
ns
ts
storage time
-
200
-
ns
tf
fall time
-
80
-
ns
toff
turn-off time
-
280
-
ns
fT
transition frequency
VCE = −10 V; IC = −0.1 A;
f = 100 MHz
-
80
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =ie =0A;
f=1MHz
-80
-
pF


Similar Part No. - PBSS301PD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS301PD NEXPERIA-PBSS301PD Datasheet
250Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03 - 17 December 2007
More results

Similar Description - PBSS301PD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS301PD NEXPERIA-PBSS301PD Datasheet
250Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 03 - 17 December 2007
logo
NXP Semiconductors
PBSS5420D PHILIPS-PBSS5420D Datasheet
124Kb / 16P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 01-7 April 2005
logo
Nexperia B.V. All right...
PBSS5420D NEXPERIA-PBSS5420D Datasheet
246Kb / 15P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02 - 29 September 2008
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com