Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS302PZ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS302PZ
Description  20 V, 5.5 A PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS302PZ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS302PZ Datasheet HTML 4Page - NXP Semiconductors PBSS302PZ Datasheet HTML 5Page - NXP Semiconductors PBSS302PZ Datasheet HTML 6Page - NXP Semiconductors PBSS302PZ Datasheet HTML 7Page - NXP Semiconductors PBSS302PZ Datasheet HTML 8Page - NXP Semiconductors PBSS302PZ Datasheet HTML 9Page - NXP Semiconductors PBSS302PZ Datasheet HTML 10Page - NXP Semiconductors PBSS302PZ Datasheet HTML 11Page - NXP Semiconductors PBSS302PZ Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PBSS302PZ_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 20 November 2009
8 of 14
NXP Semiconductors
PBSS302PZ
20 V, 5.5 A PNP low VCEsat (BISS) transistor
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 9.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 10. Collector-emitter saturation voltage as a
function of collector current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 11. Collector-emitter saturation resistance as a
function of collector current; typical values
Fig 12. Collector-emitter saturation resistance as a
function of collector current; typical values
006aaa598
−10−1
−10−2
−1
VCEsat
(V)
−10−3
IC (mA)
−10−1
−104
−103
−1
−102
−10
(3)
(2)
(1)
006aaa599
IC (mA)
−10−1
−104
−103
−1
−102
−10
−10−2
−10−1
−1
−10
VCEsat
(V)
−10−3
(3)
(2)
(1)
006aaa601
IC (mA)
−10−1
−104
−103
−1
−102
−10
10−1
1
10
102
RCEsat
(
Ω)
10−2
(3)
(2)
(1)
006aaa603
IC (mA)
−10−1
−104
−103
−1
−102
−10
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(3)
(2)
(1)


Similar Part No. - PBSS302PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS302PZ NEXPERIA-PBSS302PZ Datasheet
285Kb / 15P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
More results

Similar Description - PBSS302PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS302PZ NEXPERIA-PBSS302PZ Datasheet
285Kb / 15P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
   20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
logo
NXP Semiconductors
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
PBSS5520X PHILIPS-PBSS5520X_15 Datasheet
208Kb / 13P
   PNP low VCEsat (BISS) transistor 20 V, 5 A
2004 Nov 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com