Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS301NZ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS301NZ
Description  12 V, 5.8 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS301NZ Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS301NZ Datasheet HTML 1Page - NXP Semiconductors PBSS301NZ Datasheet HTML 2Page - NXP Semiconductors PBSS301NZ Datasheet HTML 3Page - NXP Semiconductors PBSS301NZ Datasheet HTML 4Page - NXP Semiconductors PBSS301NZ Datasheet HTML 5Page - NXP Semiconductors PBSS301NZ Datasheet HTML 6Page - NXP Semiconductors PBSS301NZ Datasheet HTML 7Page - NXP Semiconductors PBSS301NZ Datasheet HTML 8Page - NXP Semiconductors PBSS301NZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PBSS301NZ_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 17 November 2009
5 of 14
NXP Semiconductors
PBSS301NZ
12 V, 5.8 A NPN low VCEsat (BISS) transistor
FR4 PCB, mounting pad for collector 6 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
Ceramic PCB, Al2O3, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa562
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0.20
δ = 1
0.10
10
1
102
Zth(j-a)
(K/W)
10−1
0.05
0.01
0.02
0
0.75
0.50
0.33
006aaa563
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0.10
10
1
102
Zth(j-a)
(K/W)
10−1
0.05
0.02
0
0.01
δ = 1
0.75
0.50
0.33
0.20


Similar Part No. - PBSS301NZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS301NZ NEXPERIA-PBSS301NZ Datasheet
286Kb / 15P
   12 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009
More results

Similar Description - PBSS301NZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS301NZ NEXPERIA-PBSS301NZ Datasheet
286Kb / 15P
   12 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4612PA PHILIPS-PBSS4612PA_15 Datasheet
175Kb / 15P
   12 V, 6 A NPN low VCEsat (BISS) transistor
Rev. 01-7 May 2010
logo
Nexperia B.V. All right...
PBSS301NX NEXPERIA-PBSS301NX Datasheet
310Kb / 16P
   12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 November 2009
logo
NXP Semiconductors
PBSS301NX NXP-PBSS301NX Datasheet
197Kb / 15P
   12 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-17 November 2009
logo
Nexperia B.V. All right...
PBSS4612PA NEXPERIA-PBSS4612PA Datasheet
289Kb / 16P
   12 V, 6 A NPN low VCEsat (BISS) transistor
PBSS302NZ NEXPERIA-PBSS302NZ Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
PBSS302NZ-Q NEXPERIA-PBSS302NZ-Q Datasheet
271Kb / 13P
   20 V, 5.8 A NPN low VCEsat transistor
12 January 2023
logo
NXP Semiconductors
PBSS301PZ NXP-PBSS301PZ Datasheet
171Kb / 14P
   12 V, 5.7 A PNP low VCEsat (BISS) transistor
Rev. 02-17 November 2009
PBSS5612PA PHILIPS-PBSS5612PA_15 Datasheet
163Kb / 15P
   12 V, 6 A PNP low VCEsat (BISS) transistor
Rev. 01-7 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com