Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1110 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1110
Description  Universal Serial Bus transceiver with UART signaling
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISP1110 Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1110 Datasheet HTML 1Page - NXP Semiconductors ISP1110 Datasheet HTML 2Page - NXP Semiconductors ISP1110 Datasheet HTML 3Page - NXP Semiconductors ISP1110 Datasheet HTML 4Page - NXP Semiconductors ISP1110 Datasheet HTML 5Page - NXP Semiconductors ISP1110 Datasheet HTML 6Page - NXP Semiconductors ISP1110 Datasheet HTML 7Page - NXP Semiconductors ISP1110 Datasheet HTML 8Page - NXP Semiconductors ISP1110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ISP1110_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 19 March 2007
2 of 25
NXP Semiconductors
ISP1110
USB transceiver with UART signaling
3.
Applications
I Mobile phone
I Personal Digital Assistant (PDA)
I Other portable devices
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type
number
Package
Name
Description
Version
ISP1110VH
HBCC16
plastic thermal enhanced bottom chip carrier; 16 terminals; body 3
× 3 × 0.65 mm
SOT639-2
Fig 1.
Block diagram
004aaa678
VCC(I/O)
VCC(5V0)
VOLTAGE
REGULATOR
LEVEL
SHIFTER
AND
CONTROL
LOGIC
ISP1110VH
SOFTCON
VREG
GND
DP
DM
OE_N
RCV
VP/VPO
VM/VMO
VBUSDET
SUSPEND
POWER
SELECTOR
VBUS
DETECTOR
VCC(UART)
DP PULL-UP
RESISTOR
RXD
TXD
UART_EN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16


Similar Part No. - ISP1110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102 PHILIPS-ISP1102 Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
   Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102BS PHILIPS-ISP1102BS Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
ISP1102W PHILIPS-ISP1102W Datasheet
533Kb / 23P
   Advanced Universal Serial Bus transceiver
Rev. 03-02 September 2003
More results

Similar Description - ISP1110

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com