Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF1202R Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF1202R
Description  N-channel dual-gate PoLo MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF1202R Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF1202R Datasheet HTML 3Page - NXP Semiconductors BF1202R Datasheet HTML 4Page - NXP Semiconductors BF1202R Datasheet HTML 5Page - NXP Semiconductors BF1202R Datasheet HTML 6Page - NXP Semiconductors BF1202R Datasheet HTML 7Page - NXP Semiconductors BF1202R Datasheet HTML 8Page - NXP Semiconductors BF1202R Datasheet HTML 9Page - NXP Semiconductors BF1202R Datasheet HTML 10Page - NXP Semiconductors BF1202R Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2010 Sep 16
7
NXP Semiconductors
Product specification
N-channel dual-gate PoLo MOS-FETs
BF1202; BF1202R; BF1202WR
handbook, halfpage
02
46
40
30
10
0
20
MCD960
VG2-S (V)
IG1
(
μA)
4 V
3.5 V
3 V
4.5 V
VGG = 5 V
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values.
VDS =5 V; Tj =25 C.
RG1 =120 k (connected to VGG); see Fig.21.
handbook, halfpage
01
2
4
0
−50
−10
3
VAGC (V)
gain
reduction
(dB)
−20
−30
−40
MCD961
Fig.14 Typical gain reduction as a function of the
AGC voltage; see Fig.21.
VDS =5 V; VGG =5 V; RG1 = 120 k;
f = 50 MHz; Tamb =25 C.
handbook, halfpage
0
gain reduction (dB)
10
50
120
110
90
80
100
20
30
40
MCD962
Vunw
(dB
μV)
Fig.15 Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values; Fig.21.
VDS =5 V; VGG =5 V; RG1 = 120 k;
f= 50 MHz; funw =60MHz; Tamb =25 C.
handbook, halfpage
0
gain reduction (dB)
10
50
16
12
4
0
8
20
30
40
MCD963
ID
(mA)
Fig.16 Drain current as a function of gain
reduction; typical values; see Fig.21.
VDS =5 V; VGG =5 V; RG1 = 120 k;
f = 50 MHz; Tamb =25 C.


Similar Part No. - BF1202R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF1202R PHILIPS-BF1202R Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202R NXP-BF1202R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BF1202R NXP-BF1202R Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
More results

Similar Description - BF1202R

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF1202_2015 JMNIC-BF1202_2015 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1201 PHILIPS-BF1201 Datasheet
113Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
BF1202 PHILIPS-BF1202 Datasheet
116Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
2000 Mar 29
logo
Quanzhou Jinmei Electro...
BF1202 JMNIC-BF1202_15 Datasheet
129Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1201_2015 JMNIC-BF1201_2015 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
logo
NXP Semiconductors
BF1202.215 NXP-BF1202.215 Datasheet
189Kb / 15P
   N-channel dual-gate PoLo MOS-FETs
2010 Sep 16
logo
Quanzhou Jinmei Electro...
BF1201 JMNIC-BF1201_15 Datasheet
127Kb / 16P
   N-channel dual-gate PoLo MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com