Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS305NZ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS305NZ
Description  80 V, 5.1 A NPN low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS305NZ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS305NZ Datasheet HTML 5Page - NXP Semiconductors PBSS305NZ Datasheet HTML 6Page - NXP Semiconductors PBSS305NZ Datasheet HTML 7Page - NXP Semiconductors PBSS305NZ Datasheet HTML 8Page - NXP Semiconductors PBSS305NZ Datasheet HTML 9Page - NXP Semiconductors PBSS305NZ Datasheet HTML 10Page - NXP Semiconductors PBSS305NZ Datasheet HTML 11Page - NXP Semiconductors PBSS305NZ Datasheet HTML 12Page - NXP Semiconductors PBSS305NZ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PBSS305NZ_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 8 December 2009
9 of 14
NXP Semiconductors
PBSS305NZ
80 V, 5.1 A NPN low VCEsat (BISS) transistor
8.
Test information
Fig 13. BISS transistor switching time definition
VCC = 12.5 V; IC =3A; IBon = 0.15 A; IBoff = −0.15 A
Fig 14. Test circuit for switching times
006aaa003
IBon (100 %)
IB
input pulse
(idealized waveform)
IBoff
90 %
10 %
IC (100 %)
IC
td
ton
90 %
10 %
tr
output pulse
(idealized waveform)
tf
t
ts
toff
RC
R2
R1
DUT
mlb826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
VI
VCC


Similar Part No. - PBSS305NZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
More results

Similar Description - PBSS305NZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS305NZ NEXPERIA-PBSS305NZ Datasheet
308Kb / 15P
   80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
PBSS306NZ NEXPERIA-PBSS306NZ Datasheet
308Kb / 15P
   100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS303NX NEXPERIA-PBSS303NX Datasheet
310Kb / 16P
   30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009
logo
NXP Semiconductors
PBSS303NX PHILIPS-PBSS303NX Datasheet
132Kb / 15P
   30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 01-23 August 2006
PBSS306NZ NXP-PBSS306NZ Datasheet
194Kb / 14P
   100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS4580PA NEXPERIA-PBSS4580PA Datasheet
290Kb / 16P
   80 V, 5.6 A NPN low VCEsat (BISS) transistor
Rev. 01 - 15 April 2010
PBSS304ND NEXPERIA-PBSS304ND Datasheet
280Kb / 17P
   80 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 17 December 2007
logo
NXP Semiconductors
PBSS4480X PHILIPS-PBSS4480X_15 Datasheet
207Kb / 13P
   NPN low VCEsat (BISS) transistor 80 V, 4 A
2004 Oct 25
logo
Nexperia B.V. All right...
PBSS305NX NEXPERIA-PBSS305NX Datasheet
332Kb / 16P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS305NX NXP-PBSS305NX Datasheet
219Kb / 15P
   80 V, 4.6 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com