Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA2001UAC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA2001UAC
Description  32 kHz watch circuit with programmable adaptive motor pulse
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2001UAC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA2001UAC Datasheet HTML 7Page - NXP Semiconductors PCA2001UAC Datasheet HTML 8Page - NXP Semiconductors PCA2001UAC Datasheet HTML 9Page - NXP Semiconductors PCA2001UAC Datasheet HTML 10Page - NXP Semiconductors PCA2001UAC Datasheet HTML 11Page - NXP Semiconductors PCA2001UAC Datasheet HTML 12Page - NXP Semiconductors PCA2001UAC Datasheet HTML 13Page - NXP Semiconductors PCA2001UAC Datasheet HTML 14Page - NXP Semiconductors PCA2001UAC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
PCA2000_2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 23 August 2010
11 of 30
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
7.6 Programming procedure
For a watch it is essential that the timing calibration can be made after the watch is fully
assembled. In this situation, the supply pads are often the only terminals which are still
accessible.
Writing to the OTP cells and performing the related functional checks is achieved in the
PCA2000 and PCA2001 by modulating the supply voltage. The necessary control circuit
consists basically of a voltage level detector, an instruction counter which determines the
function to be performed, and an 8-bit shift register which allows writing to the OTP cells of
an 8-bit word in one step and acts as a data pointer for checking the OTP content.
There are six different instruction states (state 3 and state 5 are handled as state 4):
State 1: measurement of the quartz crystal oscillator frequency (divided by 1024)
State 2: measurement of the inhibition time
State 3: write/check word A
State 4: write/check word B
State 5: write/check word C
State 6: check word D (type recognition)
Each instruction state is switched on with a pulse to VP(prog)(start). After this large pulse, an
initial waiting time of t0 is required. The programming instructions are then entered by
modulating the supply voltage with small pulses (amplitude VP(mod) and pulse width tmod).
The first small pulse defines the start time, the following pulses perform three different
functions, depending on the time delay (td) from the preceding pulse
(see Figure 7, Figure 8, Figure 11 and Figure 12):
td =t1 (0.7 ms); increments the instruction counter
td =t2 (1.7 ms); clocks the shift register with data = logic 0
td =t3 (2.7 ms); clocks the shift register with data = logic 1
The programming procedure requires a stable oscillator. This means that a waiting time,
determined by the start-up time of the oscillator is necessary after power-up of the circuit.
After the VP(prog)(start) pulse, the instruction counter is in state 1 and the data shift register
is cleared.
The instruction state ends with a second pulse to VP(prog)(stop) or with a pulse to Vstore.
In any case, the instruction states are terminated automatically 2 seconds after the last
supply modulation pulse.
7.7 Programming the memory cells
Applying the two-stage programming pulse (see Figure 7) transfers the stored data in the
shift register to the OTP cells.
Perform the following to program a memory word:
1. Starting with a VP(prog)(start) pulse wait for the time period t0 then set the instruction
counter to the word to be written (td = t1).


Similar Part No. - PCA2001UAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2001U PHILIPS-PCA2001U Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001U/10AB NXP-PCA2001U/10AB Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2001U/AB NXP-PCA2001U/AB Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
More results

Similar Description - PCA2001UAC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2000 PHILIPS-PCA2000 Datasheet
120Kb / 19P
   32 kHz watch circuit with programmable adaptive motor pulse
2003 Dec 17
PCA2001 NXP-PCA2001 Datasheet
140Kb / 28P
   32 kHz watch circuit with programmable adaptive motor pulse
Rev. 05-11 November 2008
PCA2003 NXP-PCA2003 Datasheet
108Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 01-15 December 2008
PCA2003 NXP-PCA2003_09 Datasheet
118Kb / 21P
   32 kHz watch circuit with programmable adaptive motor pulse and pulse period
Rev. 02-21 July 2009
PCA146X NXP-PCA146X Datasheet
115Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA1461U NXP-PCA1461U Datasheet
100Kb / 24P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA148X NXP-PCA148X Datasheet
104Kb / 20P
   32 kHz watch circuits with adaptive motor pulse
1998 Apr 21
PCA2002 PHILIPS-PCA2002 Datasheet
124Kb / 20P
   32 kHz watch circuit with programmable output period and pulse width
2004 Jan 20
PCA2002 NXP-PCA2002 Datasheet
124Kb / 25P
   32 kHz watch circuit with programmable output period and pulse width
Rev. 05-11 November 2008
PCA16XX NXP-PCA16XX Datasheet
81Kb / 16P
   32 kHz watch circuits with EEPROM
1997 Dec 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com