Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC54-74HC245A Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC54-74HC245A
Description  Octal 3-State Noninverting Buffer Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC54-74HC245A Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC54/74HC245A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
IOZ
Maximum Three–State Leakage
Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4.0
40
160
µA
NOTE: Information on typical parametric values and high frequency or heavy load considerations can be found in Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Sb l
P
V
Guaranteed Limit
Ui
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to B, B to A
(Figures 1 and 3)
2.0
3.0
4.5
6.0
75
55
15
13
95
70
19
16
110
80
22
19
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Direction or Output Enable to A or B
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
90
22
19
140
110
28
24
165
130
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to A or B
(Figures 2 and 4)
2.0
3.0
4.5
6.0
110
90
22
19
140
110
28
24
165
130
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
3.0
4.5
6.0
60
23
12
10
75
27
15
13
90
32
18
15
ns
Cin
Maximum Input Capacitance (Pin 1 or Pin 19)
10
10
10
pF
Cout
Maximum Three–State I/O Capacitance
(I/O in High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
P
Di
i
i
C
i
(P
T
i
Ch
l)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
40
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn