Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38511TJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38511TJ
Description  800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38511TJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP38511TJ Datasheet HTML 1Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 2Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 3Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 4Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 5Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 6Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 7Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 8Page - National Semiconductor (TI) LP38511TJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ERROR Flag
V
TH
Error Flag Threshold
(Note 9)
V
OUT rising threshold where
ERROR Flag goes high
78
90
98
%
V
OUT falling threshold where
ERROR Flag goes low
74
85
93
V
ERROR(SAT)
ERROR Flag Saturation
Voltage
I
SINK = 1 mA
-
12.5
45
mV
I
lk
ERROR Flag Pin Leakage
Current
V
ERROR = 5.5V
-
1
-
nA
t
d
ERROR Flag Delay time
-
1
-
µs
AC Parameters
PSRR
Ripple Rejection
V
IN = 2.5V
f = 120Hz
-
73
-
dB
V
IN = 2.5V
f = 1 kHz
-
73
-
e
n
Output Noise Density
f = 120Hz
-
2
-
nV/
Hz
Output Noise Voltage
BW = 100Hz – 100kHz
-
75
-
µV (rms)
Thermal Characteristics
T
SD
Thermal Shutdown
T
J rising
-
165
-
°C
ΔT
SD
Thermal Shutdown Hysteresis TJ falling from TSD
-
10
-
θ
JA
Thermal Resistance
Junction to Ambient
(Note 4)
TO-263 and TO-263 THIN
-
60
-
°C/W
PSOP-8
-
168
-
θ
JC
Thermal Resistance
Junction to Case
TO-263 and TO-263 THIN
-
3
-
°C/W
PSOP-8
-
11
-
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. Test method is per JESD22-A114.
Note 3: Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the temperatures and
times are for Sn-Pb (STD) only.
Note 4: Device operation must be evaluated, and derated as needed, based on ambient temperature (T
A), power dissipation (PD), maximum allowable operating
junction temperature (T
J(MAX)), and package thermal resistance (θJA).
Note 5: Output voltage line regulation is defined as the change in output voltage from the nominal value (
ΔV
OUT) due to a change in the voltage at the input
(
ΔV
IN).
Note 6: Output voltage load regulation is defined as the change in output voltage from the nominal value (
ΔV
OUT) due to a change in the load current at the output
(
ΔI
OUT).
Note 7: The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included in the output
voltage tolerance specification.
Note 8: Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For the LP38511-1.8,
the minimum V
IN operating voltage is the limiting factor.
Note 9: The ERROR Flag thresholds are specified as percentage of the nominal regulated output voltage. See Application Information.
www.national.com
4


Similar Part No. - LP38511TJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511TJ-1.8 NSC-LP38511TJ-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511TJ-1.8 TI1-LP38511TJ-1.8 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511TJ-1.8/NOPB TI-LP38511TJ-1.8/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511TJ-ADJ NSC-LP38511TJ-ADJ Datasheet
403Kb / 14P
   800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38511TJ-ADJ TI1-LP38511TJ-ADJ Datasheet
1Mb / 21P
[Old version datasheet]   LP38511-ADJ 800mA Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results

Similar Description - LP38511TJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI-LP38512_15 Datasheet
1Mb / 21P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
[Old version datasheet]   1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
[Old version datasheet]   1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com