Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49871MA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LME49871MA
Description  High Performance, High Fidelity Current Feedback Audio Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LME49871MA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LME49871MA Datasheet HTML 6Page - National Semiconductor (TI) LME49871MA Datasheet HTML 7Page - National Semiconductor (TI) LME49871MA Datasheet HTML 8Page - National Semiconductor (TI) LME49871MA Datasheet HTML 9Page - National Semiconductor (TI) LME49871MA Datasheet HTML 10Page - National Semiconductor (TI) LME49871MA Datasheet HTML 11Page - National Semiconductor (TI) LME49871MA Datasheet HTML 12Page - National Semiconductor (TI) LME49871MA Datasheet HTML 13Page - National Semiconductor (TI) LME49871MA Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information
GENERAL AMPLIFIER FUNCTION
oltage feedback amplifiers have a small-signal bandwidth that
is a function of the closed-loop gain. Conversely, the
LME49871 current feedback amplifier features a small-signal
bandwidth that is relatively independent of the closed-loop
gain. This is shown in Figure 1 where the LME49871’s gain
is –1,–2, –5 and –10. Like all current feedback amplifiers, the
LME49871’s closed-loop bandwidth is a function of the feed-
back resistance value. Therefore, R
s must be varied to select
the desired closed-loop gain.
POWER SUPPLY BYPASSING AND LAYOUT
CONSIDERATIONS
Properly placed and correctly valued supply bypassing is es-
sential for optimized high-speed amplifier operation. The sup-
ply bypassing must maintain a wideband, low-impedance
capacitive connection between the amplifier’s supply pin and
ground. This helps preserve high speed signal and fast tran-
sient fidelity. The bypassing is easily accomplished using a
parallel combination of a 10
μF tantalum and a 0.1μF ceramic
capacitors for each power supply pin. The bypass capacitors
should be placed as close to the amplifier power supply pins
as possible.
FEEDBACK RESISTOR SELECTION (R
f)
The value of the R
f, is also a dominant factor in compensating
the LME49871. For general applications, the LME49871 will
maintain specified performance with an 1.2k
Ω feedback re-
sistor. Although this value will provide good results for most
applications, it may be advantageous to adjust this value
slightly for best pulse response optimized for the desired
bandwidth. In addition to reducing bandwidth, increasing the
feedback resistor value also reduces overshoot in the time
domain response.
300426p0
FIGURE 1. Bandwidth as a function of gain
SLEW RATE CONSIDERATIONS
A current feedback amplifier’s slew rate characteristics are
different than that of voltage feedback amplifiers. A voltage
feedback amplifier’s slew rate limiting or non-linear amplifier
behavior is dominated by the finite availability of the first stage
tail current charging the second stage voltage amplifier’s
compensation capacitor. Conversely, a current feedback
amplifier’s slew rate is not constant. Transient current at the
inverting input determines slew rate for both inverting and
non-inverting gains. The non-inverting configuration slew rate
is also determined by input stage limitations. Accordingly,
variations of slew rates occur for different circuit topologies.
DRIVING CAPACITIVE LOADS
The LME49871 can drive significantly higher capacitive loads
than many current feedback amplifiers. Although the
LME49871 can directly drive as much as 100pF without os-
cillating, the resulting response will be a function of the feed-
back resistor value.
CAPACITIVE FEEDBACK
It is quite common to place a small lead-compensation ca-
pacitor in parallel with a voltage feedback amplifier’s feedback
resistance, R
f. This compensation reduces the amplifier’s
peaking in the frequency domain and damps the transient re-
sponse. Whereas this yields the expected results when used
with voltage feedback amplifiers, this technique must not be
used with current feedback amplifiers. The dynamic
impedance of capacitors in the feedback loop reduces the
amplifier’s stability. Instead, reduced peaking in the frequency
response and bandwidth limiting can be accomplished by
adding an RC circuit to the amplifier’s input.
11
www.national.com


Similar Part No. - LME49871MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
LME49870MA/NOPB TI1-LME49870MA/NOPB Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49871MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com