Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49871MA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LME49871MA
Description  High Performance, High Fidelity Current Feedback Audio Operational Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LME49871MA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LME49871MA Datasheet HTML 6Page - National Semiconductor (TI) LME49871MA Datasheet HTML 7Page - National Semiconductor (TI) LME49871MA Datasheet HTML 8Page - National Semiconductor (TI) LME49871MA Datasheet HTML 9Page - National Semiconductor (TI) LME49871MA Datasheet HTML 10Page - National Semiconductor (TI) LME49871MA Datasheet HTML 11Page - National Semiconductor (TI) LME49871MA Datasheet HTML 12Page - National Semiconductor (TI) LME49871MA Datasheet HTML 13Page - National Semiconductor (TI) LME49871MA Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Gain vs Frequency
V
S = ±22V, AV = –10
30042670
www.national.com
10


Similar Part No. - LME49871MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
LME49870MA/NOPB TI1-LME49870MA/NOPB Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49871MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com