Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5000-3MTCEP Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000-3MTCEP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000-3MTCEP Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5000-3MTCEP Datasheet HTML 1Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 2Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 3Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 4Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 5Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 6Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 7Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 8Page - National Semiconductor (TI) LM5000-3MTCEP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Pin Description
Pin
Name
Function
1
COMP
Compensation network connection. Connected to the output of the voltage error amplifier.
The RC compenstion network should be connected from this pin to AGND. An additional
100pF high frequency capacitor to AGND is recommended.
2
FB
Output voltage feedback input.
3
SHDN
Shutdown control input, Open = enable, Ground = disable.
4
AGND
Analog ground, connect directly to PGND.
5
PGND
Power ground.
6
PGND
Power ground.
7
PGND
Power ground.
8
PGND
Power ground.
9
SW
Power switch input. Switch connected between SW pins and PGND pins
10
SW
Power switch input. Switch connected between SW pins and PGND pins
11
SW
Power switch input. Switch connected between SW pins and PGND pins
12
BYP
Bypass-Decouple Capacitor Connection, 0.1µF ceramic capacitor recommended.
13
V
IN
Analog power input. A small RC filter is recommended, to suppress line glitches. Typical
values of 10
Ω and ≥ 0.1µF are recommended.
14
SS
Softstart Input. External capacitor and internal current source sets the softstart time.
15
FS
Switching frequency select input. Open = F
high. Ground = Flow
16
TEST
Factory test pin, connect to ground.
www.national.com
3


Similar Part No. - LM5000-3MTCEP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5000-3MTCEP NSC-LM5000-3MTCEP Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
More results

Similar Description - LM5000-3MTCEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5001 TI-LM5001_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage Switch-Mode Regulator
logo
National Semiconductor ...
LM5000 NSC-LM5000 Datasheet
438Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5000 TI-LM5000_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001_09 Datasheet
392Kb / 18P
   High Voltage Switch Mode Regulator
LM5000 NSC-LM5000_07 Datasheet
385Kb / 18P
   High Voltage Switch Mode Regulator
logo
Texas Instruments
LM5001 TI1-LM5001_14 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5000 TI1-LM5000_14 Datasheet
1Mb / 23P
[Old version datasheet]   High Voltage Switch Mode Regulator
LM5002 TI-LM5002_15 Datasheet
1Mb / 24P
[Old version datasheet]   High Voltage Switch Mode Regulator
logo
National Semiconductor ...
LM5001 NSC-LM5001 Datasheet
361Kb / 18P
   High Voltage Switch Mode Regulator
LM5002 NSC-LM5002_09 Datasheet
367Kb / 18P
   High Voltage Switch Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com