Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC11C125LFEB Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC11C125LFEB
Description  11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC11C125LFEB Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC11C125LFEB Datasheet HTML 7Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 8Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 9Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 10Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 11Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 12Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 13Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 14Page - National Semiconductor (TI) ADC11C125LFEB Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Specification Definitions
APERTURE DELAY is the time after the falling edge of the
clock to when the input signal is acquired or held for conver-
sion.
APERTURE JITTER (APERTURE UNCERTAINTY) is the
variation in aperture delay from sample to sample. Aperture
jitter manifests itself as noise in the output.
CLOCK DUTY CYCLE is the ratio of the time during one cycle
that a repetitive digital waveform is high to the total time of
one period. The specification here refers to the ADC clock
input signal.
COMMON MODE VOLTAGE (V
CM) is the common DC volt-
age applied to both input terminals of the ADC.
CONVERSION LATENCY is the number of clock cycles be-
tween initiation of conversion and when that data is presented
to the output driver stage. Data for any given sample is avail-
able at the output pins the Pipeline Delay plus the Output
Delay after the sample is taken. New data is available at every
clock cycle, but the data lags the conversion by the pipeline
delay.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio or SINAD. ENOB is defined as (SINAD -
1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
FULL POWER BANDWIDTH is a measure of the frequency
at which the reconstructed output fundamental drops 3 dB
below its low frequency value for a full scale input.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated as:
Gain Error = Positive Full Scale Error − Negative Full Scale
Error
It can also be expressed as Positive Gain Error and Negative
Gain Error, which are calculated as:
PGE = Positive Full Scale Error - Offset Error
NGE = Offset Error - Negative Full Scale Error
INTEGRAL NON LINEARITY (INL) is a measure of the de-
viation of each individual code from a line drawn from negative
full scale (½ LSB below the first code transition) through pos-
itive full scale (½ LSB above the last code transition). The
deviation of any given code from this straight line is measured
from the center of that code value.
INTERMODULATION DISTORTION (IMD) is the creation of
additional spectral components as a result of two sinusoidal
frequencies being applied to the ADC input at the same time.
It is defined as the ratio of the power in the intermodulation
products to the total power in the original frequencies. IMD is
usually expressed in dBFS.
LSB (LEAST SIGNIFICANT BIT) is the bit that has the small-
est value or weight of all bits. This value is V
FS/2
n, where
“V
FS” is the full scale input voltage and “n” is the ADC reso-
lution in bits.
MISSING CODES are those output codes that will never ap-
pear at the ADC outputs. The ADC11C125 is guaranteed not
to have any missing codes.
MSB (MOST SIGNIFICANT BIT) is the bit that has the largest
value or weight. Its value is one half of full scale.
NEGATIVE FULL SCALE ERROR is the difference between
the actual first code transition and its ideal value of ½ LSB
above negative full scale.
OFFSET ERROR is the difference between the two input
voltages [(V
IN+) – (VIN-)] required to cause a transition from
code 2047 to 2048.
OUTPUT DELAY is the time delay after the falling edge of the
clock before the data update is presented at the output pins.
PIPELINE DELAY (LATENCY) See CONVERSION LATEN-
CY.
POSITIVE FULL SCALE ERROR is the difference between
the actual last code transition and its ideal value of 1½ LSB
below positive full scale.
POWER SUPPLY REJECTION RATIO (PSRR) is a measure
of how well the ADC rejects a change in the power supply
voltage. PSRR is the ratio of the Full-Scale output of the ADC
with the supply at the minimum DC supply limit to the Full-
Scale output of the ADC with the supply at the maximum DC
supply limit, expressed in dB.
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in
dB, of the rms value of the input signal to the rms value of the
sum of all other spectral components below one-half the sam-
pling frequency, not including harmonics or DC.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or
SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral com-
ponents below half the clock frequency, including harmonics
but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not present
at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, ex-
pressed in dB, of the rms total of the first nine harmonic levels
at the output to the level of the fundamental at the output. THD
is calculated as
where f
1 is the RMS power of the fundamental (output) fre-
quency and f
2 through f10 are the RMS power of the first 9
harmonic frequencies in the output spectrum.
SECOND HARMONIC DISTORTION (2ND HARM) is the dif-
ference expressed in dB, between the RMS power in the input
frequency at the output and the power in its 2nd harmonic
level at the output.
THIRD HARMONIC DISTORTION (3RD HARM) is the dif-
ference, expressed in dB, between the RMS power in the
input frequency at the output and the power in its 3rd harmonic
level at the output.
11
www.national.com


Similar Part No. - ADC11C125LFEB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ TI1-ADC11C125CISQ Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC11C125CISQ/NOPB TI1-ADC11C125CISQ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Similar Description - ADC11C125LFEB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170_14 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com