Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM48823TLX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48823TLX
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823TLX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM48823TLX Datasheet HTML 1Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 2Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 3Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 4Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 5Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 6Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 7Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 8Page - National Semiconductor (TI) LM48823TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM48823
October 8, 2010
Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C
Volume Control and Reset
General Description
The LM48823 is a single supply, mono, ceramic speaker driv-
er with an integrated charge-pump, designed for portable
devices, such as cell phones, where board space is at a pre-
mium. The LM48823 charge pump allows the device to deliver
5.4V
RMS from a single 4.2V supply.
The LM48823 features high power supply rejection ratio
(PSRR), 93dB at 217Hz, allowing the device to operate in
noisy environments without additional power supply condi-
tioning. Flexible power supply requirements allow operation
from 2.0V to 4.5V. The LM48823 features an active low reset
input that reverts the device to its default state. Additionally,
the LM48823 features a 32-step I2C volume control. The low
power Shutdown mode reduces supply current consumption
to 0.01µA.
The LM48823’s superior click and pop suppression elimi-
nates audible transients on power-up/down and during shut-
down. The LM48823 is available in an ultra-small 16-bump
micro SMD package (2mmx2mm).
Key Specifications
■ Output Voltage at V
DD = 4.2V,
R
L = 2.2µF + 15Ω THD+N 1%
5.4V
RMS (typ)
■ Quiescent Power Supply Current
at 4.2V
3.3mA (typ)
■ PSRR at 217Hz
93dB (typ)
■ Shutdown current
0.01μA (typ)
Features
Integrated Charge Pump
Bridge-tied Load Output
High PSRR
I2C Volume and Mode Control
Reset Input
Advanced Click-and-Pop Suppression
Low Supply Current
Minimum external components
Micro-power shutdown
Available in space-saving 16-bump µSMD package
Applications
Cell phones
Smart phones
Portable media devices
Notebook PCs
Boomer® is a registered trademark of National Semiconductor Corporation.
Tru-GND is a trademark of National Semiconductor Corporation.
© 2010 National Semiconductor Corporation
300684
www.national.com


Similar Part No. - LM48823TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48823TL/NOPB TI1-LM48823TL/NOPB Datasheet
979Kb / 22P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
More results

Similar Description - LM48823TLX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48823 TI1-LM48823 Datasheet
979Kb / 22P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
National Semiconductor ...
LM48557 NSC-LM48557 Datasheet
620Kb / 24P
   Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
logo
Texas Instruments
LM48557 TI1-LM48557 Datasheet
1Mb / 26P
[Old version datasheet]   Mono, Bridge-Tied Load, Ceramic Speaker Driver
logo
NXP Semiconductors
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
   10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
   10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
logo
NXP Semiconductors
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
logo
Cirrus Logic
WM8974 CIRRUS-WM8974 Datasheet
2Mb / 89P
   Mono CODEC with Speaker Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com