Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6645MF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6645MF
Description  2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6645MF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMH6645MF Datasheet HTML 4Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 5Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 6Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 7Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 8Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 9Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 10Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 11Page - National Semiconductor (TI) LMH6645MF Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical Performance Characteristics At T
J = 25˚C. Unless otherwise specified. (Continued)
Settling Time vs. Step Size
Noise vs. Frequency
20020252
20020234
V
OUT from V
+ vs. I
SOURCE
V
OUT from V
vs. I
SINK
20020237
20020238
Output Swing from V
+ vs. R
L (tied to VS/2)
Output Swing from V
+ vs. R
L (tied to VS/2)
20020202
20020206
www.national.com
8


Similar Part No. - LMH6645MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645MF NSC-LMH6645MF Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6645MF/NOPB TI1-LMH6645MF/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMH6645MFX NSC-LMH6645MFX Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6645MFX/NOPB TI1-LMH6645MFX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
More results

Similar Description - LMH6645MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6645 NSC-LMH6645 Datasheet
637Kb / 19P
   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
logo
Texas Instruments
LMH6646 TI1-LMH6646 Datasheet
1Mb / 28P
[Old version datasheet]   2.7V, 650關A, 55MHz, Rail-to-Rail Input and Output Amplifiers
LMH6645 TI1-LMH6645 Datasheet
1Mb / 36P
[Old version datasheet]   LMH664x 2.7 V, 650 關A, 55 MHz, Rail-to-Rail Input and Output Amplifiers with Shutdown Option
TLV2370 TI1-TLV2370_16 Datasheet
2Mb / 58P
[Old version datasheet]   500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
logo
National Semiconductor ...
LMV951 NSC-LMV951_14 Datasheet
1Mb / 24P
   2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
logo
Analog Devices
AD8647 AD-AD8647 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8646 AD-AD8646_10 Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8646 AD-AD8646_16 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
LMV951 NSC-LMV951 Datasheet
1Mb / 17P
   1V, 2.7 MHz, Rail-to-Rail Input and Output Amplifier with Shutdown Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com