Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4951ASD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4951ASD
Description  Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4951ASD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4951ASD Datasheet HTML 1Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 2Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 3Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 4Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 5Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 6Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 7Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 8Page - National Semiconductor (TI) LM4951ASD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
September 5, 2008
LM4951A
Wide Voltage Range 1.8 Watt Audio Amplifier With Short
Circuit Protection
General Description
The LM4951A is an audio power amplifier designed for ap-
plications with supply voltages ranging from 2.7V up to 9V.
The LM4951A is capable of delivering 1.8W continuous av-
erage power with less than 1% THD+N into a bridge connect-
ed 8
Ω load when operating from a 7.5VDC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4951A does not require boot-
strap capacitors, or snubber circuits.
The LM4951A features a low-power consumption active-low
shutdown mode. Additionally, the LM4951A features an in-
ternal thermal shutdown protection mechanism and short
circuit protection.
The LM4951A contains advanced pop & click circuitry that
eliminates noises which would otherwise occur during turn-on
and turn-off transitions.
The LM4951A is unity-gain stable and can be configured by
external gain-setting resistors.
Key Specifications
■ Wide Voltage Range
2.7V to 9V
■ Quiescent Power Supply Current
(V
DD = 7.5V)
2.5mA (typ)
■ Power Output BTL at 7.5V,
1% THD
1.8W (typ)
■ Shutdown Current
0.01µA (typ)
■ Fast Turn on Time
25ms (typ)
Features
Pop & click circuitry eliminates noise during turn-on and
turn-off transitions
Wide supply voltage range: 2.7V to 9V
Low current, active-low shutdown mode
Low quiescent current
Thermal shutdown protection
Short circuit protection
Unity-gain stable
External gain configuration capability
Applications
Portable devices
Cell phones
Laptop computers
Computer speaker systems
MP3 player speakers
Boomer® is a registered trademark of National Semiconductor Corporation.
© 2008 National Semiconductor Corporation
300578
www.national.com


Similar Part No. - LM4951ASD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951ASD/NOPB TI1-LM4951ASD/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951ASDX/NOPB TI1-LM4951ASDX/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
More results

Similar Description - LM4951ASD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4951A TI1-LM4951A_14 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier With Short Circuit Protection
LM4951 TI1-LM4951 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
National Semiconductor ...
LM4951 NSC-LM4951 Datasheet
1Mb / 18P
   Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Texas Instruments
LM4951SD TI-LM4951SD Datasheet
1Mb / 22P
[Old version datasheet]   LM4951 Wide Voltage Range 1.8 Watt Audio Amplifier
logo
Unisonic Technologies
PA4894 UTC-PA4894_15 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
NTE Electronics
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
logo
Fangtek Ltd.
FT2010 FANGTEK-FT2010 Datasheet
759Kb / 18P
   3W Class-D Audio Power Amplifier with Auto-Recovering Short-Circuit Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com