Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLX4600LIQT7 Datasheet(PDF) 13 Page - Intersil Corporation

Part # QLX4600LIQT7
Description  Quad Lane Extender
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

QLX4600LIQT7 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button QLX4600LIQT7 Datasheet HTML 9Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 10Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 11Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 12Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 13Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 14Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 15Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 16Page - Intersil Corporation QLX4600LIQT7 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
FN6981.1
November 19, 2009
Line Silence/Electrical Idle/Quiescent Mode
Line silence is commonly broken by the limiting
amplification in other equalizers. This disruption can be
detrimental in many systems that rely on line silence as
part of the protocol. The QLx4600-SL30 contains special
lane management capabilities to detect and preserve
periods of line silence while still providing the fidelity-
enhancing benefits of limiting amplification during active
data transmission. Line silence is detected by measuring
the amplitude of the equalized signal and comparing that
to a threshold set by the current at the DT pin. When the
amplitude falls below the threshold, the output driver
stages are muted and held at their nominal common
mode voltage1.
LOS Indicator
Pins LOS[k] are used to output the state of the muting
circuitry to serve as a loss of signal indicator for channel
k. This signal is directly derived from the muting signal
off the DT-threshold signal detector output. The LOS
signal goes ‘HIGH’ when the power signal is below the DT
threshold and ‘LOW’ when the power goes above the DT
threshold. This feature is meant to be used in optical
systems (e.g. QSFP) where there are no quiescent or
electrical-idle states. In these cases, the DT threshold is
used to determine the sensitivity of the LOS indicator.
Applications Information
Several aspects of the QLx4600-SL30 are capable of
being dynamically managed by a system controller to
provide maximum flexibility and optimum performance.
These functions are controlled by interfacing to the
highlighted pins in Figure 26. The specific procedures for
controlling these aspects of the QLx4600-SL30 are the
focus of this section.
Equalization Boost Level
Channel equalization for the QLx4600-SL30 can be
individually set to either (a) one of 18 levels through the
DC voltages on external control pins or (b) one of 32
levels via a set of registers programmed by a low speed
serial bus. The pins used to control the boost level are
highlighted in Figure 26. Descriptions of these pins are
listed in Table 1. Please refer to “Pin Descriptions” on
page 3 for descriptions of all other pins on the
QLx4600-SL30.
FIGURE 24. CML INPUT EQUIVALENT CIRCUIT FOR THE
QLx4600-S30
FIGURE 25. CML OUTPUT EQUIVALENT CIRCUIT FOR
THE QLx4600-S30
NOTE: The load value of 52Ω is used to internally match
SDD22 for a characteristic impedance of 50Ω.
IN[k] P
IN[k] N
Buffer
VDD
50Ω
50Ω
VDD
52Ω
52Ω
OUT[k] P
OUT[k] N
1. The output common mode voltage remains constant during both active data transmission and output muting modes.
44
40
41
42
43
1
32
10
9
8
7
6
5
4
3
2
38
24
25
26
27
28
29
30
31
23
20
19
18
17
16
11
12
33
14
13
34
45
39
46
22
21
35
36
15
37
IN1[P]
IN1[N]
IN2[P]
IN2[N]
IN3[P]
IN3[N]
IN4[P]
IN4[N]
OUT1[P]
OUT1[N]
OUT2[P]
OUT2[N]
OUT3[P]
OUT3[N]
OUT4[P]
OUT4[N]
DT
Quellan
QLx4600-SL30
46-Lead QFN
7mm x 4mm
0.4mm Pitch
Exposed Pad
(GND)
GND
LOS1
LOS4
MODE
LOS2
LOS3
BGREF
VDD
VDD
VDD
VDD
VDD
VDD
FIGURE 26. PIN DIAGRAM HIGHLIGHTING PINS USED
FOR DYNAMIC CONTROL OF THE QLx4600-
SL30
QLx4600-SL30


Similar Part No. - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QLX4600LIQT7 RENESAS-QLX4600LIQT7 Datasheet
1Mb / 23P
   Quad Lane Extender
More results

Similar Description - QLX4600LIQT7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
   Quad Lane Extender
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
   Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
   Quad Lane Extender
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
   Quad Lane Extender
logo
Intersil Corporation
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
   Quad Lane Extender
logo
Renesas Technology Corp
QLX4300-S45 RENESAS-QLX4300-S45 Datasheet
2Mb / 21P
   Quad Lane Extender
QLX4270-DP RENESAS-QLX4270-DP Datasheet
390Kb / 7P
   DisplayPort Lane Extender
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
   DisplayPort Lane Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com