Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX35EF780C6N Datasheet(PDF) 96 Page - Altera Corporation

Part # EP1AGX35EF780C6N
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX35EF780C6N Datasheet(HTML) 96 Page - Altera Corporation

Back Button EP1AGX35EF780C6N Datasheet HTML 92Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 93Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 94Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 95Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 96Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 97Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 98Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 99Page - Altera Corporation EP1AGX35EF780C6N Datasheet HTML 100Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 234 page
background image
2–90
Chapter 2: Arria GX Architecture
I/O Structure
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
The Arria GX IOE operates in bidirectional DDR mode by combining the DDR input
and DDR output configurations. The negative-edge-clocked OE register holds the OE
signal inactive until the falling edge of the clock to meet DDR SDRAM timing
requirements.
External RAM Interfacing
In addition to the six I/O registers in each IOE, Arria GX devices also have dedicated
phase-shift circuitry for interfacing with external memory interfaces, including DDR,
DDR2 SDRAM, and SDR SDRAM. In every Arria GX device, the I/O banks at the top
(Banks 3 and 4) and bottom (Banks 7 and 8) of the device support DQ and DQS signals
with DQ bus modes of ×4, ×8/×9, ×16/×18, or ×32/×36. Table 2–23 shows the number
of DQ and DQS buses that are supported per device.
A compensated delay element on each DQS pin automatically aligns input DQS
synchronization signals with the data window of their corresponding DQ data
signals. The DQS signals drive a local DQS bus in the top and bottom I/O banks. This
DQS bus is an additional resource to the I/O clocks and is used to clock DQ input
registers with the DQS signal.
Figure 2–76. Output Timing Diagram in DDR Mode
From Internal
Registers
DDR output
CLK
B1
A1
B2
A2
B3
A3
B4
A4
A2
A1
A3
A4
B1
B2
B3
B4
Table 2–23. DQS and DQ Bus Mode Support
(Note 1)
Device
Package
Number of
×4 Groups
Number of
×8/×9 Groups
Number of
×16/×18 Groups
Number of
×32/×36 Groups
EP1AGX20
484-pin FineLine BGA
2
0
0
0
EP1AGX35
484-pin FineLine BGA
2
0
0
0
780-pin FineLine BGA
18
8
4
0
EP1AGX50/60
484-pin FineLine BGA
2
0
0
0
780-pin FineLine BGA
18
8
4
0
1,152-pin FineLine
BGA
36
18
8
4
EP1AGX90
1,152-pin FineLine
BGA
36
18
8
4
Note to Table 2–23:
(1) Numbers are preliminary until devices are available.


Similar Part No. - EP1AGX35EF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX35EF780C6N ALTERA-EP1AGX35EF780C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX35EF780C6N ALTERA-EP1AGX35EF780C6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
More results

Similar Description - EP1AGX35EF780C6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com