Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S554-5999-03 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # S554-5999-03
Description  CABLE MODEM MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S554-5999-03 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  S554-5999-03 Datasheet HTML 1Page - Bel Fuse Inc. S554-5999-03 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2001 Bel Fuse Inc. Specifications subject to change without notice. 10.01
CABLE MODEM MAGNETICS
Wideband RF Transformers
CM01400
MECHANICAL
S554-5999-03
S554-5999-06
0.300
[7.62]
max
0.375
[9.52]
max
0.285
[7.24]
max
0.018 ±0.002
[0.46 ±0.05]
0.225
[5.72]
max
0.100
[2.54]
pitch
0.200
[5.08]
0.003
[0.08]
min
0.012
[0.30]
max
4˚ nom
0.035 [0.88]
0.004 [0.10]
0.030 [0.76]
0.070
[1.78]
0.425
[10.80]
0.100 [2.54]
Suggested PCB Pad Layout
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.


Similar Part No. - S554-5999-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S554-5999-03 BEL-S554-5999-03 Datasheet
27Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformers
More results

Similar Description - S554-5999-03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S594-5999-03 BEL-S594-5999-03 Datasheet
27Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformers
S554-5999-14 BEL-S554-5999-14 Datasheet
25Kb / 2P
   CABLE MODEM MAGNETICS RF Splitter/Combiner
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
   CABLE MODEM MAGNETICS Wideband RF Transformer
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
2793A BEL-2793A Datasheet
31Kb / 2P
   MODEM MAGNETICS European V.34 Modem Transformer
2796A BEL-2796A Datasheet
42Kb / 2P
   MODEM MAGNETICS PCMCIA V.34 Modem Transformers
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
   MODEM MAGNETICS V.90 Modem Surface Mount Transformer
2786A BEL-2786A Datasheet
40Kb / 2P
   MODEM MAGNETICS PCMCIA V.90 Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com