Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9000 Datasheet(PDF) 23 Page - Altera Corporation

Part # MAX9000
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

MAX9000 Datasheet(HTML) 23 Page - Altera Corporation

Back Button MAX9000_03 Datasheet HTML 19Page - Altera Corporation MAX9000_03 Datasheet HTML 20Page - Altera Corporation MAX9000_03 Datasheet HTML 21Page - Altera Corporation MAX9000_03 Datasheet HTML 22Page - Altera Corporation MAX9000_03 Datasheet HTML 23Page - Altera Corporation MAX9000_03 Datasheet HTML 24Page - Altera Corporation MAX9000_03 Datasheet HTML 25Page - Altera Corporation MAX9000_03 Datasheet HTML 26Page - Altera Corporation MAX9000_03 Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Altera Corporation
23
MAX 9000 Programmable Logic Device Family Data Sheet
Programming
with External
Hardware
MAX 9000 devices can be programmed on Windows-based PCs with an
Altera Logic Programmer card, the Master Programming Unit (MPU),
and the appropriate device adapter. The MPU performs continuity
checking to ensure adequate electrical contact between the adapter and
the device.
f For more information, see the Altera Programming Hardware Data Sheet.
The MAX+PLUS II software can use text- or waveform-format test vectors
created with the MAX+PLUS II Text Editor or Waveform Editor to test a
programmed device. For added design verification, designers can
perform functional testing to compare the functional behavior of a
MAX 9000 device with the results of simulation.
Data I/O, BP Microsystems, and other programming hardware
manufacturers also provide programming support for Altera devices.
f For more information, see Programming Hardware Manufacturers.
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
MAX 9000 devices support JTAG BST circuitry as specified by IEEE Std.
1149.1-1990. Table 10 describes the JTAG instructions supported by the
MAX 9000 family. The pin-out tables starting on page 38 show the
location of the JTAG control pins for each device. If the JTAG interface is
not required, the JTAG pins are available as user I/O pins.
Table 10. MAX 9000 JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD Allows a snapshot of signals at the device pins to be captured and examined during
normal device operation, and permits an initial data pattern output at the device pins.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a test
pattern at the output pins and capturing test results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST
data to pass synchronously through a selected device to adjacent devices during normal
device operation.
IDCODE
Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE
to be shifted out of TDO. Supported by the EPM9320A, EPM9400, EPM9480, and
EPM9560A devices only.
UESCODE
Selects the user electronic signature (UESCODE) register and allows the UESCODE to
be shifted out of TDO serially. This instruction is supported by MAX 9000A devices only.
ISP Instructions
These instructions are used when programming MAX 9000 devices via the JTAG ports
with the BitBlaster or ByteBlasterMV download cable, or using a Jam File (.jam), Jam
Byte-Code File (.jbc), or Serial Vector Format (.svf) File via an embedded processor or
test equipment.


Similar Part No. - MAX9000_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9000ESA MAXIM-MAX9000ESA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
MAX9000EUA MAXIM-MAX9000EUA Datasheet
249Kb / 20P
   Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs
Rev 1; 7/98
More results

Similar Description - MAX9000_03

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com