Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX Datasheet(PDF) 23 Page - Altera Corporation

Part # EP1AGX
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX Datasheet(HTML) 23 Page - Altera Corporation

Back Button EP1AGX Datasheet HTML 19Page - Altera Corporation EP1AGX Datasheet HTML 20Page - Altera Corporation EP1AGX Datasheet HTML 21Page - Altera Corporation EP1AGX Datasheet HTML 22Page - Altera Corporation EP1AGX Datasheet HTML 23Page - Altera Corporation EP1AGX Datasheet HTML 24Page - Altera Corporation EP1AGX Datasheet HTML 25Page - Altera Corporation EP1AGX Datasheet HTML 26Page - Altera Corporation EP1AGX Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
Chapter 2: Arria GX Architecture
2–17
Transceivers
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
Figure 2–16 shows misaligned channels before the channel aligner and the aligned
channels after the channel aligner.
Rate Matcher
In asynchronous systems, the upstream transmitter and local receiver can be clocked
with independent reference clock sources. Frequency differences in the order of a few
hundred PPM can potentially corrupt the data at the receiver.
The rate matcher compensates for small clock frequency differences between the
upstream transmitter and the local receiver clocks by inserting or removing skip
characters from the inter packet gap (IPG) or idle streams. It inserts a skip character if
the local receiver is running a faster clock than the upstream transmitter. It deletes a
skip character if the local receiver is running a slower clock than the upstream
transmitter. The Quartus II software automatically configures the appropriate skip
character as specified in the IEEE 802.3 for GIGE mode and PCI-Express Base
Specification for PCI Express (PIPE) mode. The rate matcher is bypassed in Serial
RapidIO and must be implemented in the PLD logic array or external circuits
depending on your system design.
Table 2–5 lists the maximum frequency difference that the rate matcher can tolerate in
XAUI, PCI Express (PIPE), GIGE, and Basic functional modes.
Figure 2–16. Before and After the Channel Aligner
KR
KKK
R
R
RK
K
R
A
Lane 3
KR
KKK
R
R
RK
K
R
A
Lane 2
KR
KKK
R
R
RK
K
R
A
Lane 1
KR
KKK
R
R
RK
K
R
A
Lane 0
KR
KKK
R
R
RK
K
R
A
Lane 3
KR
KKK
R
R
RK
K
R
A
Lane 2
KR
KKK
R
R
RK
K
R
A
Lane 1
KR
KKK
R
R
RK
K
R
A
Lane 0
Table 2–5. Rate Matcher PPM Tolerance
Function Mode
PPM
XAUI
± 100
PCI Express (PIPE)
± 300
GIGE
± 100
Basic
± 300


Similar Part No. - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20C ALTERA-EP1AGX20C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com