Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX Datasheet(PDF) 90 Page - Altera Corporation

Part # EP1AGX
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX Datasheet(HTML) 90 Page - Altera Corporation

Back Button EP1AGX Datasheet HTML 86Page - Altera Corporation EP1AGX Datasheet HTML 87Page - Altera Corporation EP1AGX Datasheet HTML 88Page - Altera Corporation EP1AGX Datasheet HTML 89Page - Altera Corporation EP1AGX Datasheet HTML 90Page - Altera Corporation EP1AGX Datasheet HTML 91Page - Altera Corporation EP1AGX Datasheet HTML 92Page - Altera Corporation EP1AGX Datasheet HTML 93Page - Altera Corporation EP1AGX Datasheet HTML 94Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 234 page
background image
2–84
Chapter 2: Arria GX Architecture
I/O Structure
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Figure 2–69 shows how a column I/O block connects to the logic array.
There are 32 control and data signals that feed each row or column I/O block. These
control and data signals are driven from the logic array. The row or column IOE
clocks, io_clk[7..0], provide a dedicated routing resource for low-skew,
high-speed clocks. I/O clocks are generated from global or regional clocks (refer to
“PLLs and Clock Networks” on page 2–66).
Figure 2–69. Column I/O Block Connection to the Interconnect
Note to Figure 2–69:
(1) The 32 data and control signals consist of eight data out lines: four lines each for DDR applications io_dataouta[3..0] and
io_dataoutb[3..0]
, four output enables io_oe[3..0], four input clock enables io_ce_in[3..0], four output clock enables
io_ce_out[3..0]
, four clocks io_clk[3..0], four asynchronous clear and preset signals io_aclr/apreset[3..0], and four
synchronous clear and preset signals io_sclr/spreset[3..0].
32 Data &
Control Signals
from Logic Array (1)
Vertical I/O
Block Contains
up to Four IOEs
I/O Block
Local Interconnect
IO_dataina[3..0]
IO_datainb[3..0]
R4 & R24
Interconnects
LAB Local
Interconnect
C4 & C16
Interconnects
32
LAB
LAB
LAB
io_clk[7..0]
Vertical I/O Block


Similar Part No. - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20C ALTERA-EP1AGX20C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com