Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX Datasheet(PDF) 68 Page - Altera Corporation

Part # EP1AGX
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX Datasheet(HTML) 68 Page - Altera Corporation

Back Button EP1AGX Datasheet HTML 64Page - Altera Corporation EP1AGX Datasheet HTML 65Page - Altera Corporation EP1AGX Datasheet HTML 66Page - Altera Corporation EP1AGX Datasheet HTML 67Page - Altera Corporation EP1AGX Datasheet HTML 68Page - Altera Corporation EP1AGX Datasheet HTML 69Page - Altera Corporation EP1AGX Datasheet HTML 70Page - Altera Corporation EP1AGX Datasheet HTML 71Page - Altera Corporation EP1AGX Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 234 page
background image
2–62
Chapter 2: Arria GX Architecture
Digital Signal Processing Block
Arria GX Device Handbook, Volume 1
© December 2009
Altera Corporation
Modes of Operation
The adder, subtractor, and accumulate functions of a DSP block have four modes of
operation:
Simple multiplier
Multiply-accumulator
Two-multipliers adder
Four-multipliers adder
Table 2–14 shows the different number of multipliers possible in each DSP block
mode according to size. These modes allow the DSP blocks to implement numerous
applications for DSP including FFTs, complex FIR, FIR, 2D FIR filters, equalizers, IIR,
correlators, matrix multiplication, and many other functions. DSP blocks also support
mixed modes and mixed multiplier sizes in the same block. For example, half of one
DSP block can implement one 18 × 18-bit multiplier in multiply-accumulator mode,
while the other half of the DSP block implements four 9 × 9-bit multipliers in simple
multiplier mode.
DSP Block Interface
The Arria GX device DSP block input registers can generate a shift register that can
cascade down in the same DSP block column. Dedicated connections between DSP
blocks provide fast connections between shift register inputs to cascade shift register
chains. You can cascade registers within multiple DSP blocks for 9 × 9- or 18 × 18-bit
FIR filters larger than four taps, with additional adder stages implemented in ALMs.
If the DSP block is configured as 36 × 36 bits, the adder, subtractor, or accumulator
stages are implemented in ALMs. Each DSP block can route the shift register chain
out of the block to cascade multiple columns of DSP blocks.
The DSP block is divided into four block units that interface with four LAB rows on
the left and right. Each block unit can be considered one complete 18 × 18-bit
multiplier with 36 inputs and 36 outputs. A local interconnect region is associated
with each DSP block. Like an LAB, this interconnect region can be fed with 16 direct
link interconnects from the LAB to the left or right of the DSP block in the same row.
R4 and C4 routing resources can access the DSP block’s local interconnect region.
The outputs also work similarly to LAB outputs. Eighteen outputs from the DSP block
can drive to the left LAB through direct link interconnects and 18 can drive to the
right LAB though direct link interconnects. All 36 outputs can drive to R4 and C4
routing interconnects. Outputs can drive right- or left-column routing.
Table 2–14. Multiplier Size and Configurations per DSP Block
DSP Block Mode
9 × 9
18 × 18
36 × 36
Multiplier
Eight multipliers with eight
product outputs
Four multipliers with four
product outputs
One multiplier with one
product output
Multiply-accumulator
Two 52-bit
multiply-accumulate blocks
Two-multipliers adder
Four two-multiplier adder (two
9 × 9 complex multiply)
Two two-multiplier adder (one
18 × 18 complex multiply)
Four-multipliers adder
Two four-multiplier adder
One four-multiplier adder


Similar Part No. - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20C ALTERA-EP1AGX20C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com