Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX Datasheet(PDF) 57 Page - Altera Corporation

Part # EP1AGX
Description  Section I. Arria GX Device Data Sheet
Download  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX Datasheet(HTML) 57 Page - Altera Corporation

Back Button EP1AGX Datasheet HTML 53Page - Altera Corporation EP1AGX Datasheet HTML 54Page - Altera Corporation EP1AGX Datasheet HTML 55Page - Altera Corporation EP1AGX Datasheet HTML 56Page - Altera Corporation EP1AGX Datasheet HTML 57Page - Altera Corporation EP1AGX Datasheet HTML 58Page - Altera Corporation EP1AGX Datasheet HTML 59Page - Altera Corporation EP1AGX Datasheet HTML 60Page - Altera Corporation EP1AGX Datasheet HTML 61Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 234 page
background image
Chapter 2: Arria GX Architecture
2–51
TriMatrix Memory
© December 2009
Altera Corporation
Arria GX Device Handbook, Volume 1
M4K RAM Blocks
The M4K RAM block includes support for true dual-port RAM. The M4K RAM block
is used to implement buffers for a wide variety of applications such as storing
processor code, implementing lookup schemes, and implementing larger memory
applications. Each block contains 4,608 RAM bits (including parity bits). M4K RAM
blocks can be configured in the following modes:
True dual-port RAM
Simple dual-port RAM
Single-port RAM
FIFO
ROM
Shift register
When configured as RAM or ROM, you can use an initialization file to pre-load the
memory contents.
M4K RAM blocks allow for different clocks on their inputs and outputs. Either of the
two clocks feeding the block can clock M4K RAM block registers (renwe, address,
byte enable
, datain, and output registers). Only the output register can be
bypassed. The six labclk signals or local interconnects can drive the control signals
for the A and B ports of the M4K RAM block. ALMs can also control the clock_a,
clock_b
, renwe_a, renwe_b, clr_a, clr_b, clocken_a, and clocken_b
signals, as shown in Figure 2–44.
Figure 2–43. M512 RAM Block LAB Row Interface
dataout
M4K RAM
Block
datain
address
16
36
Direct link
interconnect
from adjacent LAB
Direct link
interconnect
to adjacent LAB
Direct link
interconnect
from adjacent LAB
Direct link
interconnect
to adjacent LAB
M4K RAM Block Local
Interconnect Region
C4 Interconnect
R4 Interconnect
LAB Row Clocks
clocks
byte
enable
control
signals
6


Similar Part No. - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20 ALTERA-EP1AGX20 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX20C ALTERA-EP1AGX20C Datasheet
456Kb / 34P
   1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
633Kb / 36P
   Enhanced Configuration (EPC) Devices Datasheet
EP1AGX20C ALTERA-EP1AGX20C Datasheet
621Kb / 36P
   This datasheet describes enhanced configuration (EPC) devices
More results

Similar Description - EP1AGX

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2SGX30CF780C5N ALTERA-EP2SGX30CF780C5N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX40DF1020C6 ALTERA-EP1SGX40DF1020C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C4 ALTERA-EP2SGX130GF1508C4 Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP1SGX10DF672C6 ALTERA-EP1SGX10DF672C6 Datasheet
2Mb / 272P
   Section I. Stratix GX Device Family Data Sheet
EP2SGX130GF1508C3N ALTERA-EP2SGX130GF1508C3N Datasheet
1Mb / 316P
   Section I. Stratix II GX Device Data Sheet
EP2SGX60EF1152C3 ALTERA-EP2SGX60EF1152C3 Datasheet
3Mb / 326P
   Stratix II GX Device Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com