Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0ZRE0005FF1C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ZRE0005FF1C
Description  Radial Leaded PTC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ZRE0005FF1C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ZRE0005FF1C Datasheet HTML 1Page - Bel Fuse Inc. 0ZRE0005FF1C Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0ZRE1007C
A B C D E F G H
defining a degree of excellence
Radial Leaded PTC
0ZRE Series
RoHS6 Compliant
Specifications subject to change without notice
Corporate Office
Bel Fuse Inc.
Far East Office
Bel Fuse Ltd.
European Office
Bel Stewart GmbH
8F/8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel: 852-2328-5515
Fax: 852-2352-3706
206 Van Vorst Street, Jersey City, NJ 07302
Tel: 201-432-0463
Fax: 201-432-9542
E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
Industriestrasse 20
61381 Friedrichdorf
Germany
Tel: 49.6172.9552.0
Fax: 49.6172.9552.40
Ambient Temperature (°C)
1. Operation beyond the specified maximum
ratings or improper use may result in damage
2. These Polymer PTC (PPTC) devices are intended for
protection against occasional overcurrent/
overtemperature fault conditions and may not be
suitable for use in applications where repeated and/
or prolonged fault conditions are anticipated.
3. Avoid contact of PTC device with chemical solvent.
Prolonged contact may adversely impact the PTC
performance.
4. These PTC devices may not be suitable for use in
circuits with a large inductance, as the PTC trip can
generate circuit voltage spikes above the PTC
rated voltage.
Cautionary Notes
Typical Time - To - Trip at 23°C
Thermal Derating Curve
(See Elec. Characteristics Table for P/N - Curve Correlation)
Fault Current (A)


Similar Part No. - 0ZRE0005FF1C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRE0005FF1C BEL-0ZRE0005FF1C Datasheet
1Mb / 4P
   Radial Leaded PTC
More results

Similar Description - 0ZRE0005FF1C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRA BEL-0ZRA Datasheet
334Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com