Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9021IRUBZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9021IRUBZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021IRUBZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9021IRUBZ-T Datasheet HTML 1Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021IRUBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6867.1
June 12, 2009
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (VIN + 0.3)V
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 to 5.5V
Thermal Resistance (Typical, Note 5)
θJA (°C/W)
4 Ball WLCSP . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
135.64
6 Lead µTDFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
140
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
5.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
TA = -40°C to +85°C; VIN = (VO + 0.5V) to 5.5V with a minimum VIN of 1.5V; CIN = 1µF; CO = 1µF; Parameters
with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits
established by characterization and are not production tested.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS
Supply Voltage
VIN
1.5
5.5
V
VIN Undervoltage Lockout
Threshold
VUVLO+
VIN Rising
1.425
1.5
V
VUVLO-
VIN Falling
1.3
1.375
V
Ground Current
IDD
Output Enabled; IO = 0; VIN = 1.5V to 5.5V
35
50
µA
Shutdown Current
IDDS
VIN = 5.5V, EN = Low, IO = 0
0.1
1.0
µA
Output Voltage Accuracy
VIN = VO + 0.5V to 5.5V, IO = 1mA to 150mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 5.5V, IO = 1mA to 150mA, TJ = -40°C to +125°C -1.8
+1.8
Maximum Output Current
IMAX
Continuous
250
mA
Internal Current Limit
ILIM
260
mA
Dropout Voltage (Notes 6, 7)
VDO
IO = 250mA; VO > 1.8V
150
250
mV
Thermal Shutdown Temperature
TSD
160
°C
Thermal Shutdown Hysteresis
20
°C
AC CHARACTERISTICS
Ripple Rejection (Note 6)
VIN = 4.5V, VO = 3.3V @ 1kHz
60
dB
VIN = 4.5V, VO = 3.3V @ 10kHz
75
dB
VIN = 4.5V, VO = 3.3V @ 1MHz
50
dB
Output Noise Voltage (Note 6)
VIN = 4.2V, TA = +25°C, BW = 10Hz to 100kHz, IO = 10mA
8.5*VO
µVRMS
DEVICE START-UP CHARACTERISTICS
Device Enable Time
tEN
Time from assertion of the EN pin to when the output voltage
reaches 95% of the VO (nom)
250
600
µs
LDO Soft-start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-up
30
60
µs/V
EN LOGIC CHARACTERISTICS
Input Low Voltage
VIL
0.4
V
Input High Voltage
VIH
1.1
V
Input Leakage Current
IIL, IIH
0.1
µA
NOTES:
6. Limits established by characterization and are not production tested.
7. Dropout voltage is measured as VIN - VO, when VO is 4% lower than the value of VO; when VIN = VO + 0.5V.
ISL9021


Similar Part No. - ISL9021IRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021IRUBZ-T INTERSIL-ISL9021IRUBZ-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021IRUBZ-T RENESAS-ISL9021IRUBZ-T Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021IRUBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021AIINZ-T INTERSIL-ISL9021AIINZ-T Datasheet
325Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
December 20, 2012
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com