Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9014IRPPZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9014IRPPZ
Description  Dual LDO with Low Noise, Low IQ and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014IRPPZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9014IRPPZ Datasheet HTML 1Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 2Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 3Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 4Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 5Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 6Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 7Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 8Page - Intersil Corporation ISL9014IRPPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9245.3
March 11, 2008
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
VO2 VOLTAGE
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL9014IRNNZ
DCBS
3.3V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNJZ
DBBK
3.3V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNFZ
DBBL
3.3V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNCZ
DCBT
3.3V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMNZ
DCBV
3.0V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMMZ
DBBV
3.0V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMGZ
DCCC
3.0V
2.7V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRLLZ
DCEA
2.9V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKNZ
DCCG
2.85V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKKZ
DBBW
2.85V
2.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKJZ
DCFA
2.85V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKFZ
DBBM
2.85V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKPZ
DDJA
2.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKCZ
DCBA
2.85V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJNZ
DCCH
2.8V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJMZ
DBBT
2.8V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJRZ
DCDA
2.8V
2.6V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJCZ
DBBP
2.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJBZ
DCCA
2.8V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRGPZ
DDBA
2.7V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRGCZ
DBBR
2.7V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFJZ
DBBN
2.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFDZ
DCCV
2.5V
2.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFCZ
DCDB
2.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRPLZ
DBBY
1.85V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRPPZ
DDCA
1.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRCJZ
DCDH
1.8V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRCCZ
DCDL
1.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBLZ
DCDS
1.5V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBJZ
DBBS
1.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBCZ
DCDV
1.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBBZ
DDFA
1.5V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
ISL9014


Similar Part No. - ISL9014IRPPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014IRPPZ INTERSIL-ISL9014IRPPZ Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014IRPPZ RENESAS-ISL9014IRPPZ Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9014IRPPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com