Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88002IE31Z-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL88002IE31Z-T
Description  Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88002IE31Z-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL88002IE31Z-T Datasheet HTML 2Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 3Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 4Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 5Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 6Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 7Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 8Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 9Page - Intersil Corporation ISL88002IE31Z-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6174.0
March 26, 2008
Pin Description
RST
The ISL88003 push-pull RST output is set to VDD (HIGH)
whenever the device is first powered up or VDD falls below
its respective minimum voltage sense level.
RST
The RST output functions identically to the complementary
RST output. On the ISL88001, this is a push-pull output. On
the ISL88002, it is an open drain output that is pulled to GND
(LOW) when reset is asserted. Suggested pull-up RST
resistor values are in the range of 5k
Ω to 100kΩ.
VDD
The VDD pin is the power supply terminal. The voltage at this
pin is compared against an internal factory-programmed
voltage trip point, VTHVDD. A reset is first asserted when the
device is initially powered up to ensure that the power supply
has stabilized. Thereafter, reset is again asserted whenever
VDD falls below VTHVDD. The device is designed with
hysteresis to help prevent chattering due to noise.
Principles of Operation
The ISL88001, ISL88002, ISL88003 devices provide a low
power, high accuracy solution for those voltage monitoring
applications needing supply voltage supervision with power
reset control. By integrating these features into small 3 Ld
SC-70 and 3 Ld SOT-23 packages and consuming as little
as 160nA of supply current, these devices can lower system
cost and reduce board space requirements.
Low Voltage Monitoring
During normal operation, the ISL88001, ISL88002,
ISL88003 devices monitor the voltage level of VDD. The
device asserts a reset signal (RST = LOW or RST = HIGH)
to a µP/µC if this voltage is less than the preset voltage trip
point. The reset signal prevents system operation during a
power failure or brownout condition. This reset signal
remains asserted until VDD exceeds the voltage threshold
setting for the reset time delay period tPOR. See Figure 2.
Power-On Reset (POR)
Applying power to the ISL88001, ISL88002, ISL88003
activates a POR circuit, which asserts reset once VDD = 1 V.
(i.e. RST goes LOW). This provides several benefits:
• It prevents the system microprocessor from starting to
operate with insufficient voltage.
• It prevents the processor from operating prior to
stabilization of the oscillator.
• It ensures that the monitored device is held out of
operation until internal registers are properly loaded.
• It allows time for an FPGA to download its configuration
prior to initialization of the circuit.
RESET / RESET
VOL
Reset Output Voltage Low
VDD < VTHVDD, for ISL88001
0.2
0.40
V
VDD < VTHVDD, Sinking 0.5mA for ISL88002
0.2
0.40
V
VDD > VTHVDD, for ISL88003
0.2
0.40
V
VOH
Reset Output Voltage High
VDD > VTHVDD, for ISL88001
VDD - 0.4 VDD - 0.2
V
VDD > VTHVDD, Sourcing 0.5mA, ISL88002
VDD - 0.2
V
VDD < VTHVDD, for ISL88003
VDD - 0.4 VDD - 0.2
V
tRPD
VTH to Reset Asserted Delay
15
µs
tPOR
POR Timeout Delay
140
200
260
ms
CLOAD
Load Capacitance on Reset Pin
5
pF
NOTE:
4. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
ISL88001
RPU*
ISL88002*
FIGURE 1. TYPICAL APPLICATION DIAGRAM
GND
VDD
ISL88003
µP/µC
GND
VDD
VDD
RESET
INPUT
RESET
OUTPUT
*Necessary for ISL88002
ISL88001, ISL88002, ISL88003


Similar Part No. - ISL88002IE31Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88002IE31Z-T RENESAS-ISL88002IE31Z-T Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results

Similar Description - ISL88002IE31Z-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
   Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
logo
List of Unclassifed Man...
MB-4 ETC2-MB-4 Datasheet
1Mb / 1P
   Fits SOT-343 (SC-70) amplifier packages
logo
Micrel Semiconductor
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
   27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
   51MHz Low-Power SOT-23-5/SC-70 Op Amp
logo
Texas Instruments
TPS61040DDCR TI-TPS61040DDCR Datasheet
977Kb / 27P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
TPS61040 TI-TPS61040_07 Datasheet
527Kb / 22P
[Old version datasheet]   LOW-POWER DC/DC BOOST CONVERTER IN SOT-23 AND SON PACKAGES
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011_11 Datasheet
330Kb / 13P
   5 Ld Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com