Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL88031IU8ECZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL88031IU8ECZ
Description  Quintuple Voltage Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88031IU8ECZ Datasheet(HTML) 8 Page - Intersil Corporation

  ISL88031IU8ECZ Datasheet HTML 1Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 2Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 3Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 4Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 5Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 6Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 7Page - Intersil Corporation ISL88031IU8ECZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN8227.2
June 9, 2009
ISL88031
Mini Small Outline Plastic Packages (MSOP)
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-187BA.
2. Dimensioning and tolerancing per ANSI Y14.5M-1994.
3. Dimension “D” does not include mold flash, protrusions or gate
burrs and are measured at Datum Plane. Mold flash, protrusion
and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions
and are measured at Datum Plane.
Interlead flash and
protrusions shall not exceed 0.15mm (0.006 inch) per side.
5. Formed leads shall be planar with respect to one another within
0.10mm (0.004) at seating Plane.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total in excess
of “b” dimension at maximum material condition. Minimum space
between protrusion and adjacent lead is 0.07mm (0.0027 inch).
10. Datums
and
to be determined at Datum plane
.
11. Controlling dimension: MILLIMETER. Converted inch dimen-
sions are for reference only.
L
0.25
(0.010)
L1
R1
R
4X
θ
4X
θ
GAUGE
PLANE
SEATING
PLANE
E
E1
N
12
TOP VIEW
INDEX
AREA
-C-
-B-
0.20 (0.008)
A B C
SEATING
PLANE
0.20 (0.008)
C
0.10 (0.004)
C
-A-
-H-
SIDE VIEW
b
e
D
A
A1
A2
-B-
END VIEW
0.20 (0.008)
C D
E1
CL
C
a
- H -
-A -
- B -
- H -
M8.118 (JEDEC MO-187AA)
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.037
0.043
0.94
1.10
-
A1
0.002
0.006
0.05
0.15
-
A2
0.030
0.037
0.75
0.95
-
b
0.010
0.014
0.25
0.36
9
c
0.004
0.008
0.09
0.20
-
D
0.116
0.120
2.95
3.05
3
E1
0.116
0.120
2.95
3.05
4
e
0.026 BSC
0.65 BSC
-
E
0.187
0.199
4.75
5.05
-
L
0.016
0.028
0.40
0.70
6
L1
0.037 REF
0.95 REF
-
N8
8
7
R
0.003
-
0.07
-
-
R1
0.003
-
0.07
-
-
05o
15o
5o
15o
-
α
0o
6o
0o
6o
-
Rev. 2 01/03


Similar Part No. - ISL88031IU8ECZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88031IU8ECZ INTERSIL-ISL88031IU8ECZ Datasheet
244Kb / 8P
   Quintuple Voltage Monitor
June 9, 2009
logo
Renesas Technology Corp
ISL88031IU8ECZ RENESAS-ISL88031IU8ECZ Datasheet
463Kb / 8P
   Quintuple Voltage Monitor
More results

Similar Description - ISL88031IU8ECZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL88031 RENESAS-ISL88031 Datasheet
463Kb / 8P
   Quintuple Voltage Monitor
logo
Intersil Corporation
ISL88031 INTERSIL-ISL88031 Datasheet
244Kb / 8P
   Quintuple Voltage Monitor
June 9, 2009
logo
STMicroelectronics
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
   Voltage Monitor
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
   Quadruple Voltage Monitor
ISL88041 INTERSIL-ISL88041 Datasheet
277Kb / 7P
   Quad Voltage Monitor
logo
Zetex Semiconductors
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
   SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
   SUPPLY VOLTAGE MONITOR
logo
Zetex Semiconductors
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
   SUPPLY VOLTAGE MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com