Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9000AIRJNZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9000AIRJNZ
Description  Dual LDO with Low Noise, Very High PSRR and Low IQ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9000AIRJNZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9000AIRJNZ Datasheet HTML 4Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 5Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 6Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 7Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 8Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 9Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 10Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 11Page - Intersil Corporation ISL9000AIRJNZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6391.1
March 11, 2008
Pin Description
Typical Application
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input:
Connect a 1µF capacitor to GND.
2
EN1
Low Voltage Compatible
CMOS Input
LDO-1 Enable.
3
EN2
Low Voltage Compatible
CMOS Input
LDO-2 Enable.
4
CBYP
Analog I/O
Reference Bypass Capacitor Pin:
Optionally connect capacitor of value 0.01µF to 1µF between this pin and GND to tune in
the desired noise and PSRR performance.
5
CPOR
Analog I/O
POR2 Delay Setting Capacitor Pin:
Connect a capacitor between this pin and GND to delay the POR2 output release after
LDO-2 output reaches 94% of its specified voltage level. (200ms delay per 0.01µF).
6
GND
Ground
GND is the connection to system ground. Connect to PCB Ground plane.
7POR1
Open Drain Output (1mA)
Open-drain POR Output for LDO-1 (active-low):
Internally connected to VO1 through 100k
Ω resistor.
8POR2
Open Drain Output (1mA)
Open-drain POR Output for LDO-2 (active-low):
Internally connected to VO2 through 100k
Ω resistor.
9VO2
Analog I/O
LDO-2 Output:
Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
10
VO1
Analog I/O
LDO-1 Output:
Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
C1, C4, C5: 1µF X5R CERAMIC CAPACITOR
C2: 0.1µF X7R CERAMIC CAPACITOR
ISL9000A
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR2
POR1
GND
10
9
8
7
6
1
2
3
4
5
VIN (2.3 TO 6.5V)
ENABLE1
ENABLE2
VOUT1
VOUT2
RESET1
RESET2
C1
C2
C3
C4
C5
C3: 0.01µF X7R CERAMIC CAPACITOR
OFF
ON
OFF
ON
(200ms DELAY,
C3 = 0.01µF)
(2ms DELAY)
VOUT2 TOO LOW
VOUT2 OK
VOUT1 TOO LOW
VOUT1 OK
ISL9000A


Similar Part No. - ISL9000AIRJNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9000AIRJNZ INTERSIL-ISL9000AIRJNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
logo
Renesas Technology Corp
ISL9000AIRJNZ RENESAS-ISL9000AIRJNZ Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
More results

Similar Description - ISL9000AIRJNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78302AARMMZ INTERSIL-ISL78302AARMMZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL9000AIRNNZ INTERSIL-ISL9000AIRNNZ Datasheet
335Kb / 13P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
March 26, 2014
ISL9000 INTERSIL-ISL9000_06 Datasheet
231Kb / 11P
   Dual LDO with Low Noise, Very High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9000A RENESAS-ISL9000A Datasheet
660Kb / 14P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000AM RENESAS-ISL9000AM Datasheet
178Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
November 11, 2011
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9000 RENESAS-ISL9000 Datasheet
567Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL9000AMRNCEP INTERSIL-ISL9000AMRNCEP Datasheet
59Kb / 2P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com