Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9221IRZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9221IRZ-T
Description  Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9221IRZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9221IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL9221IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN6541.1
April 3, 2008
The USB_BYP and VDC_LDO stay on regardless of the
state of this pin. This ensures that the processor can be
powered up when an external source is connected to the
VDC or VUSB input pin.
PPR
Power presence indication pin. This pin is used to notify the
system processor or enable the power circuitry when a
source is connected. The pin is an open drain output pin,
which pulls low when a valid voltage (above POR) is present
at either the VDC or VUSB pin. The PPR pin is held low
regardless of the state of the EN pin. If connected to the
processor, a pull-up resistor should be connected to the
processors I/O supply. If connected to power circuitry, a
pull-up should be tied to the appropriate bypass supply.
CHG
Charge indication pin. This open-drain pin is pulled low to
indicate when the battery is being charged. If connected to
the processor, a pull-up resistor should be connected to the
processors I/O supply.
The CHG pin can also be used to drive an LED to indicate to
the user the battery is being charged.
GND
Ground pin. This provides the ground path for all internal
circuits.
Typical Application
FIGURE 1. APPLICATIONS CIRCUIT
ISL9221
VUSB
VDC
BAT
GND
VDC INPUT
USB INPUT
LDO OUTPUT
TO BATTERY
ON
OFF
USB_BYP
TO MCU
ISL9221


Similar Part No. - ISL9221IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9221IRZ-T RENESAS-ISL9221IRZ-T Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
More results

Similar Description - ISL9221IRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9221 RENESAS-ISL9221 Datasheet
606Kb / 11P
   Dual Input Lithium Ion Battery Charger with OVP USB Bypass and 10mA LDO
logo
Diodes Incorporated
API9221 DIODES-API9221_16 Datasheet
672Kb / 16P
   CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Texas Instruments
BQ24230 TI1-BQ24230_15 Datasheet
2Mb / 47P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3052A CONSONANCE-CN3052A Datasheet
203Kb / 11P
   USB-Compatible Lithium Ion Battery Charger
logo
Texas Instruments
BQ24232HA TI1-BQ24232HA Datasheet
1Mb / 36P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3688 ANALOGICTECH-AAT3688_08 Datasheet
384Kb / 21P
   USB Port Lithium-Ion/Polymer Battery Charger
AAT3688 ANALOGICTECH-AAT3688 Datasheet
527Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com