Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9005AIRFZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9005AIRFZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9005AIRFZ-T Datasheet(HTML) 8 Page - Intersil Corporation

  ISL9005AIRFZ-T Datasheet HTML 1Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 2Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 3Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 4Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9005AIRFZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN6452.0
March 14, 2007
Block Diagram
Functional Description
The ISL9005A contains all circuitry required to implement a
high performance LDO. High performance is achieved
through a circuit that delivers fast transient response to
varying load conditions. In a quiescent condition, the
ISL9005A adjusts its biasing to achieve the lowest standby
current consumption.
The device also integrates current limit protection, smart
thermal shutdown protection, and soft-start. Smart thermal
shutdown protects the device against overheating.
Power Control
The ISL9005A has an enable pin, EN, to control power to the
LDO output. When EN is low, the device is in shutdown
mode. During this condition, all on-chip circuits are off, and
the device draws minimum current, typically less than 0.1µA.
When the enable pin is asserted, the device first monitors
the output of the UVLO detector to ensure that VIN voltage is
at least about 2.1V. Once verified, the device initiates a start-
up sequence. During the start-up sequence, trim settings are
first read and latched. Then, sequentially, the bandgap,
reference voltage and current generation circuitry power up.
Once the references are stable, a fast-start circuit powers up
the LDO.
During operation, whenever the VIN voltage drops below
about 1.84V, the ISL9005A immediately disables the LDO
output. When VIN rises back above 2.1V, the device re-
initiates its start-up sequence and LDO operation will
resume automatically.
Reference Generation
The reference generation circuitry includes a trimmed
bandgap, a trimmed voltage reference divider, a trimmed
current reference generator, and an RC noise filter.
The bandgap generates a zero temperature coefficient (TC)
voltage for the reference divider. The reference divider
provides the regulation reference and other voltage
references required for current generation and over-
temperature detection.
The current generator outputs references required for
adaptive biasing as well as references for LDO output
current limit and thermal shutdown determination.
LDO Regulation and Programmable Output Divider
The LDO Regulator is implemented with a high-gain
operational amplifier driving a PMOS pass transistor. The
design of the ISL9005A provides a regulator that has low
quiescent current, fast transient response, and overall
stability across all operating and load current conditions.
LDO stability is guaranteed for a 1µF to 10µF output
capacitor that has a tolerance better than 20% and ESR less
than 200mΩ, and the design is performance-optimized for a
1µF output capacitor. Unless limited by the application, use
of an output capacitor value above 4.7µF is not
recommended as LDO performance improvement is
minimal.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30µs/V to minimize current surge. The
ISL9005A provides short-circuit protection by limiting the
output current to about 425mA.
The LDO uses an independently trimmed 1V reference as its
input. An internal resistor divider drops the LDO output
voltage down to 1V. This is compared to the 1V reference for
regulation. The resistor division ratio is programmed in the
factory.
Overheat Detection
The bandgap outputs a proportional-to-temperature current
that is indicative of the temperature of the silicon. This
current is compared with references to determine if the
device is in danger of damage due to overheating. When the
die temperature reaches about +140°C, if the LDO is
sourcing more than 50mA it shuts down until the die cools
sufficiently. Once the die temperature falls back below about
+110°C, the disabled LDO is re-enabled and soft-start
automatically takes place.
VO
GND
BANDGAP AND
TEMPERATURE
SENSOR
UVLO
VIN
SHORT CIRCUIT,
THERMAL PROTECTION,
SOFT-START
EN
CONTROL
LOGIC
1.0V
0.94V
0.9V
GND
VOLTAGE AND
REFERENCE
GENERATOR
ISL9005A


Similar Part No. - ISL9005AIRFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9005AIRFZ-T INTERSIL-ISL9005AIRFZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9005AIRFZ-T RENESAS-ISL9005AIRFZ-T Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9005AIRFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com