Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9001AIRJZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9001AIRJZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9001AIRJZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9001AIRJZ-T Datasheet HTML 3Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 4Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 5Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 6Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 7Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 8Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 9Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 10Page - Intersil Corporation ISL9001AIRJZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6433.2
March 27, 2008
LDO Regulation and Programmable Output Divider
The LDO Regulator is implemented with a high-gain
operational amplifier driving a PMOS pass transistor. The
design of the ISL9001A provides a regulator that has low
quiescent current, fast transient response, and overall
stability across all operating and load current conditions.
LDO stability is guaranteed for a 1µF to 10µF output
capacitor that has a tolerance better than 20% and ESR less
than 200m
Ω. The design is performance-optimized for a 1µF
capacitor. Unless limited by the application, use of an output
capacitor value above 4.7µF is not recommended as LDO
performance improvement is minimal.
Soft-start circuitry integrated into each LDO limits the initial
ramp-up rate to about 30µs/V to minimize current surge. The
ISL9001A provides short-circuit protection by limiting the
output current to about 425mA.
The LDO uses an independently trimmed 1V reference as its
input. An internal resistor divider drops the LDO output
voltage down to 1V. This is compared to the 1V reference for
regulation. The resistor division ratio is programmed in the
factory.
Power-On Reset Generation
The ISL9001A has a Power-on Reset signal generation
circuit, which indicates that output power is good. The POR
signal is generated as follows.
A POR comparator continuously monitors the output of the
LDO. The LDO enters a power-good state when the output
voltage is above 94% of the expected output voltage for a
period exceeding the LDO PGOOD entry delay time (see the
following). In the power-good state, the open-drain POR
output is in a high-impedance state. An internal 100k
Ω
pull-up resistor pulls the pin up to the LDO output voltage. An
external resistor can be added between the POR output and
the LDO output for a faster rise time, however, the POR
output should not connect through an external resistor to a
supply greater than the LDO voltage.
The power-good state is exited when the LDO output falls
below 90% of the expected output voltage for a period longer
than the PGOOD exit delay time. While power-good is false,
the ISL9001A pulls the POR pin low.
The PGOOD entry and exit delays are determined by the
value of an external capacitor connected to the CPOR pin.
For a 0.01µF capacitor, the entry and exit delays are 200ms
and 25µs respectively. Larger or smaller capacitor values will
yield proportionately longer or shorter delay times. The POR
exit delay should never be allowed to be less than 10µs to
ensure sufficient immunity against transient induced false
POR triggering.
Overheat Detection
The bandgap outputs a proportional-to-temperature current
that is indicative of the temperature of the silicon. This
current is compared with references to determine if the
device is in danger of damage due to overheating. When the
die temperature reaches about +140°C, if the LDO is
sourcing more than 50mA, it shuts down until the die cools
sufficiently. Once the die temperature falls back below about
+110°C, the disabled LDO is re-enabled and soft-start
automatically takes place.
ISL9001A


Similar Part No. - ISL9001AIRJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRJZ-T INTERSIL-ISL9001AIRJZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9001AIRJZ-T RENESAS-ISL9001AIRJZ-T Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9001AIRJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com