Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4243EIR Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL4243EIR
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4243EIR Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL4243EIR Datasheet HTML 6Page - Intersil Corporation ISL4243EIR Datasheet HTML 7Page - Intersil Corporation ISL4243EIR Datasheet HTML 8Page - Intersil Corporation ISL4243EIR Datasheet HTML 9Page - Intersil Corporation ISL4243EIR Datasheet HTML 10Page - Intersil Corporation ISL4243EIR Datasheet HTML 11Page - Intersil Corporation ISL4243EIR Datasheet HTML 12Page - Intersil Corporation ISL4243EIR Datasheet HTML 13Page - Intersil Corporation ISL4243EIR Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN8037.7
June 10, 2010
then uses this indicator to power down the interface block.
Reconnecting the cable restores valid levels at the receiver
inputs, INVALID switches high, and the power management
logic wakes up the interface block. INVALID can also be
used to indicate the DTR or RING INDICATOR signal, as
long as the other receiver inputs are floating, or driven to
GND (as in the case of a powered down driver).
INVALID switches low after invalid levels have persisted on
all of the receiver inputs for more than 30µs (see Figure 7).
INVALID switches back high 1µs after detecting a valid
RS-232 level on a receiver input. INVALID operates in all
modes (forced or automatic power-down, or forced on), so it
is also useful for systems employing manual power-down
circuitry. When automatic power-down is utilized, INVALID = 0
indicates that the ISL4243E is in power-down mode.
Automatic Power-down (ISL4243E Only)
Even greater power savings is available by using the
ISL4243E which features an automatic power-down
function. When no valid RS-232 voltages (see Figure 5) are
sensed on any receiver input for 30µs, the charge pump and
transmitters power-down, thereby reducing supply current to
10nA. Invalid receiver levels occur whenever the driving
peripheral’s outputs are shut off (powered down) or when the
RS-232 interface cable is disconnected. The ISL4243E
powers back up whenever it detects a valid RS-232 voltage
level on any receiver input. This automatic power-down
feature provides additional system power savings without
changes to the existing operating system.
Automatic power-down operates when the FORCEON input
is low, and the FORCEOFF input is high. Tying FORCEON
high disables automatic power-down, but manual
power-down is always available via the overriding
FORCEOFF input. Table 2 summarizes the automatic
power-down functionality.
The time to recover from automatic power-down mode is
typically 100µs.
Capacitor Selection
The charge pumps require 0.1µF, or greater, capacitors for
proper operation. Increasing the capacitor values (by a
factor of 2) reduces ripple on the transmitter outputs and
slightly reduces power consumption.
When using minimum required capacitor values, make sure
that capacitor values do not degrade excessively with
temperature. If in doubt, use capacitors with a larger nominal
value. The capacitor’s equivalent series resistance (ESR)
usually rises at low temperatures and it influences the
amount of ripple on V+ and V-
.
Power Supply Decoupling
In most circumstances a 0.1µF bypass capacitor is
adequate. In applications that are particularly sensitive to
power supply noise, decouple VCC to ground with a
capacitor of the same value as the charge-pump capacitor C1.
Connect the bypass capacitor as close as possible to the IC.
Transmitter Outputs when Exiting
Power-down
Figure 8 shows the response of two transmitter outputs
when exiting power-down mode. As they activate, the two
transmitter outputs properly go to opposite RS-232 levels,
with no glitching, ringing, nor undesirable transients. Each
transmitter is loaded with 3k
Ω in parallel with 2500pF. Note
that the transmitters enable only when the magnitude of the
supplies exceed approximately 3V.
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - POWER-DOWN OCCURS AFTER 30µs
VALID RS-232 LEVEL - ISL4243E IS ACTIVE
VALID RS-232 LEVEL - ISL4243E IS ACTIVE
INDETERMINATE - POWER-DOWN MAY OR
INDETERMINATE - POWER-DOWN MAY OR
MAY NOT OCCUR
MAY NOT OCCUR
RECEIVER
INPUTS
TRANSMITTER
OUTPUTS
INVALID
OUTPUT
V+
VCC
0
V-
VCC
0
tINVL
tINVH
INVALID
REGION
}
FIGURE 7. AUTOMATIC POWER-DOWN AND INVALID
TIMING DIAGRAMS
AUTOPWDN
PWR UP
ISL4241E, ISL4243E


Similar Part No. - ISL4243EIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4243EIR RENESAS-ISL4243EIR Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4243EIR-T RENESAS-ISL4243EIR-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4243EIRZ RENESAS-ISL4243EIRZ Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4243EIRZ-T RENESAS-ISL4243EIRZ-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL4243EIR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com