Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6445 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6445
Description  1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6445 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6445 Datasheet HTML 1Page - Intersil Corporation ISL6445 Datasheet HTML 2Page - Intersil Corporation ISL6445 Datasheet HTML 3Page - Intersil Corporation ISL6445 Datasheet HTML 4Page - Intersil Corporation ISL6445 Datasheet HTML 5Page - Intersil Corporation ISL6445 Datasheet HTML 6Page - Intersil Corporation ISL6445 Datasheet HTML 7Page - Intersil Corporation ISL6445 Datasheet HTML 8Page - Intersil Corporation ISL6445 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN9230.0
September 9, 2005
Typical Application Schematic
+
PGOOD
+12V
UGATE2
PHASE2
ISL6445IA
+
C1
R5
C10
19
22
4
24
6
14
LGATE2
Q2
13
ISEN2
R2
17
C8
BOOT2
VIN
5
D2
21
C5
R6
9
23
OCSET2
FB1
UGATE1
PHASE1
+
C9
PGND
LGATE1
ISEN1
R1
C7
BOOT1
D1
R4
BIAS
VCC5
7
R8
8
SD2
20
1
3
2
12
L2
10
SS1
SS2
11
SGND
16
C4
VOUT1
R3
Q1
FB2
VOUT2
SD1
+3.3V, 2A
C3
C6
L1
+1.8V, 2A
18
15
VCC5
R9
56µF
VCC5
10K
PGOOD
3.2µH
3.2µH
1.4K
0.1µF
0.1µF
150µF
150µF
10K
31.6K
10K
12.4K
10µF
10µF
0.1µF
0.1µF
BAT54HT1
BAT54HT1
FDS6912A
OCSET1
R7
FDS6912A
C2
4.7µF
1.4K
121K
121K
ISL6445


Similar Part No. - ISL6445

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6445IAZ RENESAS-ISL6445IAZ Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results

Similar Description - ISL6445

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6402A RENESAS-ISL6402A Datasheet
797Kb / 18P
   1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller
Dec 1, 2004
logo
Intersil Corporation
ISL6402A INTERSIL-ISL6402A Datasheet
390Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step- Down PWM and Single Linear Controller
ISL6441 INTERSIL-ISL6441 Datasheet
340Kb / 18P
   1.4MHz Dual, 180 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX8529 MAXIM-MAX8529 Datasheet
447Kb / 21P
   1.5MHz Dual 180 Out-of-Phase PWM Step-Down Controller with POR
Rev 0; 1/03
logo
Renesas Technology Corp
ISL6441 RENESAS-ISL6441 Datasheet
851Kb / 19P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Intersil Corporation
ISL6443 INTERSIL-ISL6443 Datasheet
397Kb / 18P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
ISL6402 INTERSIL-ISL6402 Datasheet
422Kb / 19P
   300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM and Single Linear Controller
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com