Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL4241E Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL4241E
Description  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4241E Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL4241E Datasheet HTML 2Page - Intersil Corporation ISL4241E Datasheet HTML 3Page - Intersil Corporation ISL4241E Datasheet HTML 4Page - Intersil Corporation ISL4241E Datasheet HTML 5Page - Intersil Corporation ISL4241E Datasheet HTML 6Page - Intersil Corporation ISL4241E Datasheet HTML 7Page - Intersil Corporation ISL4241E Datasheet HTML 8Page - Intersil Corporation ISL4241E Datasheet HTML 9Page - Intersil Corporation ISL4241E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN8037.7
June 10, 2010
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
0.5
1
µs
Full
-
0.9
1.5
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
50
µs
Full
-
40
60
µs
RECEIVER INPUTS
Input Voltage Range
Full
-25
-
25
V
Input Threshold Low
VCC = 3.0V
Full
-
1.0
0.6
V
Input Threshold High
VCC = 3.6V
Full
2.4
1.5
-
V
Input Hysteresis
25
-
0.5
-
V
Input Resistance
Full
3
5
7
k
Ω
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
±5.0
±5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Ω
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V,
Automatic Power-down or FORCEOFF = SHDN = GND
Full
-
-
±25
µA
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver Output,
CL = 150pF
tPHL
25
-
0.15
0.3
µs
Full
-
0.2
0.35
µs
tPLH
25
-
0.3
0.5
µs
Full
-
0.35
0.55
µs
Receiver Skew
tPHL - tPLH, CL = 150pF
25
-
120
250
ns
Full
-
150
300
ns
Transmitter Propagation Delay
Transmitter Input to Transmitter Output,
CL = 1000pF, RL = 3kΩ
tPHL
25
-
0.75
1
µs
Full
-
0.85
1.1
µs
tPLH
25
-
0.8
1
µs
Full
-
0.9
1.1
µs
Transmitter Skew
tPHL - tPLH (Note 3), RL = 3kΩ, CL = 1000pF
25
-
50
200
ns
Full
-
100
250
ns
Receiver Output Enable Time
Normal Operation, RL = 1kΩ to 0.5VCC, CL = 15pF
25
-
200
350
ns
Full
-
200
400
ns
Receiver Output Disable Time
Normal Operation, RL = 1kΩ to 0.5VCC, CL = 15pF
25
-
350
500
ns
Full
-
400
600
ns
Transmitter Output Enable Time
Normal Operation, RL = 3kΩ, CL = 1000pF
25
-
25
40
µs
Full
-
30
50
µs
Transmitter Output Disable Time
Normal Operation, RL = 3kΩ, CL = 1000pF
25
-
2.5
4
µs
Full
-
2.7
4
µs
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 to C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = +25°C (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
ISL4241E, ISL4243E


Similar Part No. - ISL4241E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4241EIR RENESAS-ISL4241EIR Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4241EIR-T RENESAS-ISL4241EIR-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4241EIRZ RENESAS-ISL4241EIRZ Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL4241EIRZ-T RENESAS-ISL4241EIRZ-T Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ISL4241E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
288Kb / 17P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com