Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6269 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6269
Description  High-Performance Notebook PWM Controller with Audio-Frequency Clamp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6269 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6269 Datasheet HTML 1Page - Intersil Corporation ISL6269 Datasheet HTML 2Page - Intersil Corporation ISL6269 Datasheet HTML 3Page - Intersil Corporation ISL6269 Datasheet HTML 4Page - Intersil Corporation ISL6269 Datasheet HTML 5Page - Intersil Corporation ISL6269 Datasheet HTML 6Page - Intersil Corporation ISL6269 Datasheet HTML 7Page - Intersil Corporation ISL6269 Datasheet HTML 8Page - Intersil Corporation ISL6269 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN9177.0
June 14, 2005
Functional Pin Descriptions
GND Pin
Bottom terminal pad of QFN package
Signal common of the IC. Unless otherwise stated, signals
are referenced to the GND pin, not the PGND pin.
VIN Pin-1 (Input)
The VIN pin measures the converter input voltage with
respect to the GND pin. VIN is a required input to the R3
PWM modulator. The VIN pin is also the input source for the
integrated +5V LDO regulator.
VCC Pin-2 (Output)
The VCC pin is the output of the integrated +5V LDO
regulator, which provides the bias voltage for the IC. The
VCC pin delivers regulated +5V whenever the EN pin is
pulled above VENTHR. For best performance the LDO
requires at least a 1µF MLCC decouple capacitor to the
GND pin.
FCCM Pin-3 (Logic)
The FCCM pin configures the controller to operate in forced-
continuous-conduction-mode (FCCM) or diode-emulation-
mode (DEM.) DEM is disabled when the FCCM pin is pulled
above the rising threshold voltage VFCCMTHR, and DEM is
enabled when the FCCM pin is pulled below the falling
threshold voltage VFCCMTHF.
EN Pin-4 (Logic)
The EN pin is the on/off switch of the IC. When the EN pin is
pulled above the rising threshold voltage VENTHR, VCC will
ramp up and begin regulation. The soft-start sequence
begins once VCC ramps above the power-on reset (POR)
rising threshold voltage VCCTHR. When the EN pin is pulled
below the falling threshold voltage VENTHF, PWM
immediately stops and VCC decays below the POR falling
threshold voltage VCCTHF, at which time the IC turns off.
COMP Pin-5 (Signal)
The COMP pin is the output of the control-loop error
amplifier. Loop compensation components connect from the
COMP pin to the FB pin.
FB Pin-6 (Signal)
The FB pin is the inverting input of the control loop error
amplifier. The converter will regulate to 600mV at the FB pin
with respect to the GND pin. Scale the desired output
voltage to 600mV with a voltage divider network made from
resistors RTOP and RBOTTOM. Loop compensation
components connect from the FB pin to the COMP pin.
FSET Pin-7 (Signal)
The FSET pin programs the PWM switching frequency of the
converter. Connect a resistor RFSET and a 10nF capacitor
CFSET from the FSET pin to the GND pin.
VO Pin-8 (Input)
The VO pin makes a direct measurement of the converter
output voltage used exclusively by the R3 PWM modulator.
The VO pin should be connected to the top of feedback
resistor RTOP at the converter output. Refer to Figure 1,
Typical Application Schematic.
ISEN Pin-9 (Input)
The ISEN pin is the input to the overcurrent protection (OCP)
and short-circuit protection (SCP) circuits. Connect a resistor
RSEN between the ISEN pin and the PHASE pin. Select the
value of RSEN that will force the ISEN pin to source the ISEN
threshold current IOC when the peak inductor current
reaches the desired OCP setpoint. The SCP threshold
current ISC is fixed at twice the OCP threshold current IOC
PGND Pin-10
The PGND pin should be connected to the source of the low-
side MOSFET, preferably with an isolated path that is in
parallel with the trace connecting the LG pin to the gate of
the MOSFET. The PGND pin is an isolated path used
exclusively to conduct the turn-off transient current that flows
out the PGND pin, through the gate-source capacitance of
the low-side MOSFET, into the LG pin, and back to the
PGND pin through the pull-down resistance of the LG driver.
The adaptive shoot-through protection circuit, measures the
low-side MOSFET gate voltage with respect to the PGND
pin, not the GND pin.
LG Pin-11 (Output)
The LG pin is the output of the low-side MOSFET gate
driver. Connect to the gate of the low-side MOSFET.
PVCC Pin-12 (Input)
The PVCC pin is the input voltage for the low-side MOSFET
gate driver LG. Connect a +5V power source to the PVCC
pin with respect to the GND pin, a 1µF MLCC bypass
capacitor needs to be connected from the PVCC pin to the
PGND pin, not the GND pin. The VCC output may be used
for the PVCC input voltage source. Connect the VCC pin to
the PVCC pin through a low-pass filter consisting of a
resistor and the PVCC bypass capacitor. Refer to Figure 1,
Typical Application Schematic.
ISL6269


Similar Part No. - ISL6269

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
More results

Similar Description - ISL6269

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
logo
Renesas Technology Corp
ISL6269B RENESAS-ISL6269B Datasheet
749Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269BCRZ INTERSIL-ISL6269BCRZ Datasheet
473Kb / 16P
   High-Performance Notebook PWM Controller With Audio-Frequency Clamp
November 17, 2014
logo
Renesas Technology Corp
ISL6269 RENESAS-ISL6269 Datasheet
657Kb / 14P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Intersil Corporation
ISL6269 INTERSIL-ISL6269_06 Datasheet
316Kb / 17P
   High-Performance Notebook PWM Controller with Bias Regulator and Audio-Frequency Clamp
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com