Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8702 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL8702
Description  Adjustable Quad Sequencer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8702 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL8702 Datasheet HTML 1Page - Intersil Corporation ISL8702 Datasheet HTML 2Page - Intersil Corporation ISL8702 Datasheet HTML 3Page - Intersil Corporation ISL8702 Datasheet HTML 4Page - Intersil Corporation ISL8702 Datasheet HTML 5Page - Intersil Corporation ISL8702 Datasheet HTML 6Page - Intersil Corporation ISL8702 Datasheet HTML 7Page - Intersil Corporation ISL8702 Datasheet HTML 8Page - Intersil Corporation ISL8702 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN9250.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL8700, ISL8701, ISL8702
Adjustable Quad Sequencer
The ISL8700, ISL8701, ISL8702 family of ICs provide four
delay adjustable sequenced outputs while monitoring an
input voltage all with a minimum of external components.
High performance DSP, FPGA, µP and various subsystems
require input power sequencing for proper functionality at
initial power-up and the ISL870x provides this function while
monitoring the distributed voltage for over and undervoltage
compliance.
The ISL8700 and ISL8701 operate over the +2.5V to +24V
nominal voltage range, whereas the ISL8702 operates over
the +2.5V to +12V nominal voltage range. All three have a
user adjustable time from UV and OV voltage compliance to
sequencing start via an external capacitor when in auto start
mode and adjustable time delay to subsequent ENABLE
output signal via external resistors.
Additionally, the ISL8702 provides an input for sequencing
on and off operation (SEQ_EN) and for voltage window
compliance reporting (FAULT) over the +2.5V to +12V
voltage range.
Easily daisy chained for more than 4 sequenced signals.
Altogether, the ISL870x provides these adjustable features
with a minimum of external BOM. See Figure 1 for typical
implementation.
Features
• Adjustable Delay to Subsequent Enable Signal
• Adjustable Delay to Sequence Auto Start
• Adjustable Distributed Voltage Monitoring
• Undervoltage and Overvoltage Adjustable Delay to Auto
Start Sequence
• I/O Options
ENABLE (ISL8700, ISL8702) and ENABLE# (ISL8701)
SEQ_EN (ISL8702)
• Voltage Compliance Fault Output
• Pb-Free (RoHS Compliant)
Applications
• Power Supply Sequencing
• System Timing Function
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL8700IBZ*
ISL 8700IBZ
-40 to +85
14 Ld SOIC M14.15
ISL8701IBZ*
ISL 8701IBZ
-40 to +85
14 Ld SOIC M14.15
ISL8702IBZ*
ISL 8702IBZ
-40 to +85
14 Ld SOIC M14.15
ISL870xEVAL1
Evaluation Platform
*Add “-T” suffix for tape and reel. Please refer to TB347 for details
on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
ENABLE_A
UV
OV
GND TB TC TD TIME
VIN
FAULT*
SEQ_EN*
ENABLE_B
ENABLE_C
ENABLE_D
2.5V TO 24V (2.5V TO 12V FOR ISL8702)
DC/DC
EN
Vo1
Vo2
Vo3
Vo4
FIGURE 1. ISL870x IMPLEMENTATION
* SEQ_EN and FAULT are not available on ISL8700 and ISL8701
Ru
Rm
Rl
DC/DC
EN
DC/DC
EN
DC/DC
EN
Data Sheet
March 21, 2008


Similar Part No. - ISL8702

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8702 RENESAS-ISL8702 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
ISL8702A RENESAS-ISL8702A Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL8702AIBZ INTERSIL-ISL8702AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8702AIBZ RENESAS-ISL8702AIBZ Datasheet
607Kb / 12P
   Adjustable Delay to Subsequent Enable Signal
logo
Intersil Corporation
ISL8702AIBZ INTERSIL-ISL8702AIBZ Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
More results

Similar Description - ISL8702

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8702IBZ-T INTERSIL-ISL8702IBZ-T Datasheet
295Kb / 13P
   Adjustable Quad Sequencer
ISL8700AIBZ INTERSIL-ISL8700AIBZ Datasheet
289Kb / 12P
   Adjustable Quad Sequencer
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
logo
Renesas Technology Corp
ISL8700 RENESAS-ISL8700 Datasheet
656Kb / 13P
   Adjustable Quad Sequencer
logo
Intersil Corporation
ISL8700A INTERSIL-ISL8700A Datasheet
287Kb / 12P
   Adjustable Quad Sequencer
October 12, 2006
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
   Quad Power Supply Sequencer
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
   Quad Power Supply Sequencer
logo
Analog Devices
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com