Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SJ578 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. 2SJ578
Description  Ultrahigh-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

2SJ578 Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SJ578
No.6408–2/4
Continued from preceding page.
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
S
ID=--0.5A
RL=60Ω
VDD=--30V
VOUT
2SJ578
VIN
D
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.4
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
VGS=--2.5V
--8.0V
--6.0V
--5.0V
--3.0V
--3.5V
--4.0V
IT01155
0
--2
--4
--6
--8
--10
--12
500
1000
1500
2000
2500
0
--14
--16
--18
--20
RDS(on) -- VGS
Tc=25
°C
IT01157
RDS(on) -- Tc
IT01158
I D
=--0.3A,
V GS
=--4V
I D
=--0.5A,
V GS
=--10V
--60
0
500
1000
1500
2000
2500
--40
--20
0
20
40
60
80
100
120
140
160
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.5
--4.0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.4
--1.2
--2.0
--1.6
--1.8
ID -- VGS
VDS=--10V
IT01156
--0.5A
ID=--0.3A
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
Gate-to-Source Voltage, VGS –V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
2
=5
7F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
2
=2
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
2
=7
F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S6
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S4
s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S1
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S4
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=7
.
3C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=6
.
0C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
QV S
D
V
,
V
0
1
=
S
G
I
,
V
0
1
=
D
A
1
=5
.
0C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
1
=
S
G
0
=6
8
.
0
–2
.
1
–V
Marking : JP
Switching Time Test Circuit


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SJ417Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
2SJ579Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK2624LSUltrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
2SK3092Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH3308Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH5603Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
CPH6306Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
FW203Ultrahigh-Speed Switching Applications 1 2 3 Sanyo Semicon Device
FX606Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device
MCH3302Ultrahigh-Speed Switching Applications 1 2 3 4 Sanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn