Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6526AEVAL1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6526AEVAL1
Description  Single Synchronous Buck Pulse-Width Modulation PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6526AEVAL1 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6526AEVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6526AEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+7V
Absolute Boot Voltage, VBOOT . . . . . . . . . . . . . . . . . . . . . . . +15.0V
Upper Driver Supply Voltage, VBOOT - VPHASE . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage . . . . . . . . . . . GND -0.3V to VCC +0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.3V ±10%
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . .-40°C to 125°C
Thermal Resistance
θJA (°C/W)
θJC (°C/W)
SOIC Package (Note 3) . . . . . . . . . . . .
67
N/A
QFN Package (Note 4). . . . . . . . . . . . .
35
5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
For Recommended soldering conditions see Tech Brief TB389.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. θJC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Recommended Operating Conditions, unless otherwise noted VCC = 3.3V±5% and TA = 25°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Nominal Supply
IBIAS
6.1
6.9
7.7
mA
POWER-ON RESET
Rising CPVOUT POR Threshold
POR
Commercial
4.25
4.30
4.42
V
Industrial
4.10
4.30
4.50
V
CPVOUT POR Threshold Hysteresis
0.3
0.6
0.9
V
OSCILLATOR
Frequency
fOSC
IC = ISL6526C, Commercial
275
300
325
kHz
IC = ISL6526I, Industrial
250
300
340
kHz
IC = ISL6526AC, Commercial
575
600
625
kHz
IC = ISL6526AI, Industrial
550
600
640
kHz
Ramp Amplitude
∆VOSC
-1.5
-
VP-P
REFERENCE
Reference Voltage Tolerance
--
1.5
%
Nominal Reference Voltage
VREF
-0.800
-
V
Charge Pump
Nominal Charge Pump Output
VCPVOUT VVCC = 3.3V, No Load
-
5.1
-
V
Charge Pump Output Regulation
-2-
%
ERROR AMPLIFIER
DC Gain
Guaranteed by Design
-
88
-
dB
Gain-Bandwidth Product
GBWP
-
15
-
MHz
Slew Rate
SR
-
6
-
V/
µs
SOFT-START
Soft-Start Slew Rate
Commercial
6.2
-
7.3
ms
Industrial
6.2
-
7.6
ms
ISL6526


Similar Part No. - ISL6526AEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6526AEVAL1 INTERSIL-ISL6526AEVAL1 Datasheet
338Kb / 15P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6526AEVAL1 RENESAS-ISL6526AEVAL1 Datasheet
874Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6526AEVAL1 INTERSIL-ISL6526AEVAL1 Datasheet
447Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
September 30, 2015
More results

Similar Description - ISL6526AEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6520A INTERSIL-ISL6520A Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520 INTERSIL-ISL6520_07 Datasheet
323Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6406 RENESAS-ISL6406 Datasheet
986Kb / 18P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
Oct 21, 2015
logo
Intersil Corporation
ISL6406 INTERSIL-ISL6406 Datasheet
357Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6520ACB-T INTERSIL-ISL6520ACB-T Datasheet
296Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 INTERSIL-ISL6527 Datasheet
329Kb / 16P
   Single Synchronous Buck Pulse-Width Modulation PWM Controller
logo
Renesas Technology Corp
ISL6520A RENESAS-ISL6520A Datasheet
674Kb / 12P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6520B RENESAS-ISL6520B Datasheet
632Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6527 RENESAS-ISL6527 Datasheet
841Kb / 17P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6520 INTERSIL-ISL6520 Datasheet
402Kb / 11P
   Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com