Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8723 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL8723
Description  Power Sequencing Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8723 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL8723 Datasheet HTML 1Page - Intersil Corporation ISL8723 Datasheet HTML 2Page - Intersil Corporation ISL8723 Datasheet HTML 3Page - Intersil Corporation ISL8723 Datasheet HTML 4Page - Intersil Corporation ISL8723 Datasheet HTML 5Page - Intersil Corporation ISL8723 Datasheet HTML 6Page - Intersil Corporation ISL8723 Datasheet HTML 7Page - Intersil Corporation ISL8723 Datasheet HTML 8Page - Intersil Corporation ISL8723 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6413.0
December 21, 2006
Absolute Maximum Ratings
Thermal Information
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
GATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+6V
UVLO, ENABLE, ENABLE#, SYSRST# . . . . . . -0.3V to VDD +0.3V
RESET#, DLY_ON, DLYOFF . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Operating Conditions
VDD Supply Voltage Range . . . . . . . . . . . . . . . . . . . . +2.5V to +5.0V
Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
4 x 4 QFN Package . . . . . . . . . . . . . . .
48
9
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +125°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. All voltages are relative to GND, unless otherwise specified.
Electrical Specifications
VDD = 3.3V to +5V, TA = TJ = -40°C to +85°C, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UVLO
Undervoltage Lockout Falling Threshold
VUVLOvth
TA = TJ = +25°C
619
631
647
mV
Undervoltage Lockout Falling Threshold
VUVLOvth
604
631
656
mV
Undervoltage Lockout Hysteresis
VUVLOhys
-9
-
mV
Undervoltage Lockout Threshold Range
RUVLOvth
Max VUVLOvth- Min VUVLOvth
-6
18
mV
Undervoltage Lockout Delay
TUVLOdel
ENABLE satisfied
-
10
-
ms
Transient Filter Duration
tFIL
VDD, UVLO, ENABLE glitch filter
-
7
-
μs
DELAY ON/OFF
Delay Charging Current
DLY_ichg
VDLY = 0V
0.9
1
1.115
μA
Delay Charging Current Range
DLY_ichg_r
DLY_ichg(max) - DLY_ichg(min)
-
0.01
0.05
μA
Delay Threshold Voltage
DLY_Vth
1.21
1.273
1.32
V
ENABLE/ENABLE#, RESET# AND SYSRST# I/O
ENABLE Threshold
VENh
Measured at VDD = 5V
-
1.28
1.35
V
ENABLE# Threshold
VENh
-0.5 VDD
-V
ENABLE/ENABLE# Hysteresis
VENh -VENl
Measured at VDD = 5V
-
0.1
0.2
V
ENABLE/ENABLE# Lockout Delay
TdelEN_LO
UVLO satisfied, EN to DLY_ON
-
10
-
ms
ENABLE/ENABLE# Input Capacitance
Cin_en
-
5
-
pF
RESET# Pull-up Voltage
Vpu_rst
-
VDD
-V
RESET# Pull-Down Current
IRSTpd5
VDD = 5V, RST = 0.1V
-
13
-
mA
RESET# Delay after GATE High
TRSTdel
GATE = VDD+5V
-
160
-
ms
RESET# Output Low
VRSTl
Measured at VDD = 5V, 1mA
sourcing current
--
0.1
V
RESET Output Capacitance
Cout_rst
-
10
-
pF
SYSRST# Pull-up Voltage
Vpu_srst
-
VDD-0.5V
-
V
SYSRST# Pull-up Current
Ipu_srst
VDD = 3.3V, SYSRST# = 0.5V
-
12
-
μA
SYSRST# Pull Down Current
Ipu_5
VDD = 5V
-
2.7
-
μA
SYSRST# Low Output Voltage
Vol_srst
VDD = 5V, IOUT = 100μA-
0.1
V
ISL8723, ISL8724


Similar Part No. - ISL8723

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
ISL8723EVAL1 RENESAS-ISL8723EVAL1 Datasheet
663Kb / 14P
   Power Sequencing Controllers
ISL8723IRZ RENESAS-ISL8723IRZ Datasheet
663Kb / 14P
   Power Sequencing Controllers
More results

Similar Description - ISL8723

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
logo
Supertex, Inc
HV302 SUTEX-HV302 Datasheet
618Kb / 10P
   Sequencing Hotswap Controllers
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
   Power Sequencing Controller
logo
RF Micro Devices
RFPA1545 RFMD-RFPA1545 Datasheet
2Mb / 19P
   No Power Supply Sequencing
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com