Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8011 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8011
Description  1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8011 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8011 Datasheet HTML 2Page - Intersil Corporation ISL8011 Datasheet HTML 3Page - Intersil Corporation ISL8011 Datasheet HTML 4Page - Intersil Corporation ISL8011 Datasheet HTML 5Page - Intersil Corporation ISL8011 Datasheet HTML 6Page - Intersil Corporation ISL8011 Datasheet HTML 7Page - Intersil Corporation ISL8011 Datasheet HTML 8Page - Intersil Corporation ISL8011 Datasheet HTML 9Page - Intersil Corporation ISL8011 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN9254.0
July 11, 2006
Typical Applications
Block Diagram
FIGURE 10. TYPICAL APPLICATION FOR ADJUSTABLE VERSION
PHASE
PGND
SGND
FB
L
C2
10µF
R2
61.9kO
VOUT
1.3V, 1.2V
R3
100kO
GND
POR
EN
VCC
PVIN
VIN
2.7V to 5.5V
C3
0.1µF
R1
100kO
C1
10µF
1.8µH
ISL8011
FIGURE 11. FUNCTIONAL BLOCK DIAGRAM
EA
Bandgap
Soft-Start
COMP
PWM Control
and Drivers
CSA1
PHASE
PVIN
PGND
VCC
5O
Slope
Compensation
OCP
0.8V
EN
FB
200ms
Delay
POR
0.864V
0.736V
SCP
400kO
25pF
0.8pF
Oscillator
0.85V
SGND
GND
Shutdown
0.2V
Shutdown
ISL8011


Similar Part No. - ISL8011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL80111 INTERSIL-ISL80111 Datasheet
756Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Renesas Technology Corp
ISL80111 RENESAS-ISL80111 Datasheet
972Kb / 16P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
logo
Intersil Corporation
ISL80111 INTERSIL-ISL80111 Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
ISL80111EVAL1Z INTERSIL-ISL80111EVAL1Z Datasheet
761Kb / 17P
   Ultra Low Dropout 1A, 2A, 3A Low Input Voltage NMOS LDOs
November 1, 2013
More results

Similar Description - ISL8011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL6273 INTERSIL-ISL6273 Datasheet
585Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
   Tiny 1.2A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
   1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com