Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6217 Datasheet(PDF) 17 Page - Intersil Corporation

Part # ISL6217
Description  Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6217 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button ISL6217 Datasheet HTML 11Page - Intersil Corporation ISL6217 Datasheet HTML 12Page - Intersil Corporation ISL6217 Datasheet HTML 13Page - Intersil Corporation ISL6217 Datasheet HTML 14Page - Intersil Corporation ISL6217 Datasheet HTML 15Page - Intersil Corporation ISL6217 Datasheet HTML 16Page - Intersil Corporation ISL6217 Datasheet HTML 17Page - Intersil Corporation ISL6217 Datasheet HTML 18Page - Intersil Corporation ISL6217 Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ISL6217
17
for the converter and find the intersection of this value and
the active channel curve. The worst case duty cycle is
defined as the maximum operating CORE output voltage
divided by the minimum operating battery voltage. Find the
corresponding y-axis value, which is the current multiplier.
Multiply the total full load output current, not the channel
value, by the current multiplier value found, and the result is
the RMS input current which must be supported by the input
capacitors.
FIGURE 13. INPUT RMS RIPPLE CURRENT MULTIPLIER
MOSFET Selection and Considerations
For the Intel IMVP-IV™ and IMVP-IV+™ application, which
requires up to 25 amps of current, it is suggested that 2
channel operation with (3) MOSFETs per channel be
implemented. This configuration would be: (1) High
Switching Frequency, Low Gate Charge MOSFET for the
Upper, and (2) Low rDSON MOSFETs for the Lowers.
In high-current PWM applications, the MOSFET power
dissipation, package selection and heatsink are the
dominant design factors. The power dissipation includes
two loss components: conduction loss and switching loss.
These losses are distributed between the upper and lower
MOSFETs according to duty cycle of the converter. Refer
to the PUPPER and PLOWER equations below. The
conduction losses are the main component of power
dissipation for the lower MOSFETs. Only the upper
MOSFETs have significant switching losses, since the
lower devices turn on and off into near zero voltage. The
following equations assume linear voltage-current
transitions and do not model power loss due to the reverse-
recovery of the lower MOSFETs body diode. The gate-
charge losses are dissipated in the ISL6217 drivers and do
not heat the MOSFETs; however, large gate-charge
increases the switching time tSW, which increases the
upper MOSFET switching losses. Ensure that both
MOSFETs are within their maximum junction temperature,
at high ambient temperature, by calculating the
temperature rise according to package thermal-resistance
specifications.
() ()
IN
OUT
IN
ON
DS
2
O
LOWER
V
V
V
r
I
P
×
×
=
(EQ. 10)
()
2
F
t
V
I
V
V
r
I
P
SW
SW
IN
O
IN
OUT
ON
DS
2
O
UPPER
×
×
×
+
×
×
=
(EQ. 11)


Similar Part No. - ISL6217

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217A INTERSIL-ISL6217A Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
More results

Similar Description - ISL6217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
   Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
   Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
   Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
   Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com